Electronic Components Datasheet Search
  English  ▼

X  

3-2000554 Datasheet(PDF) 1 Page - MIPOT S.p.A.

Part # 3-2000554
Description  ASK TRANSMITTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIPOT [MIPOT S.p.A.]
Direct Link  https://mipot.com/en/
Logo MIPOT - MIPOT S.p.A.

3-2000554 Datasheet(HTML) 1 Page - MIPOT S.p.A.

  3-2000554 Datasheet HTML 1Page - MIPOT S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MIPOT S.P.A.
Via Corona,n.5
(Zona Ind.)
34701 Cormons (GO)
Italy
Tel.+390481630200r.a.
Fax +39 0481 62387
mipot@mipot.com
ASK TRANSMITTER
50
Ω Output
433.92 MHz – 3 V version / Cod. 3-2000554
DESCRIPTION:
ASK Transmitter, with crystal locked oscillator,
manufactured in SMT technology on printed circuit.
Booster stage to improve output power.
HIGHLIGHTS:
High output power with low supply voltage.
Developed according to I-ETS 300 220 and ETS 300
683 European Standard.
APPLICATIONS:
Domestic Security, Surveillance Systems,
Data Transmission,perfect for battery supply systems.
MECHANICAL CHARACTERISTICS
A B S . M A X . R AT I N G S
Power Supply, +Vcc, pin 15:
+ 4 Volt
Storage Temperature:
- 40 ÷ + 100 °C
Operating Temperature:
- 20 ÷ + 70 °C
Pin functions
1 = GND
2 = Tx DATA
3 = NOT CONNECTED
4 = GND
11 = RF OUTPUT (50
Ω)
13 = GND
14 = NON CONNECTED
15 = +Vcc
E L E C T R I C A L C H A R A C T E R I S T I C S AT 2 5 ° C :
Mipot S.p.A. reserves the right to modify the specifications without notice.
Note 1:
+Vcc = 3V, 1 kHz square wave modulation 0-3 V, duty-cycle 50%
Note 2:
power supply versions from 5V to 12V are available on request
Parameter
Min.
Tip.
Max
Unit
Notes
Power Supply ( +Vcc )
2.4
3
3.6
Volt
Supply Current
-
15
-
mA
Note 1
Carrier Frequency
433.42
433.92
434.42
MHz
Output Power (50
Ω load)
+10
+12
-
dBm
Note 1
Second Harmonic Level (load 50
Ω)
-
-
-36
dBm
Start-up Time
-
-
1.5
ms
Note 1
Logic Low
-
0
-
Volt
Logic High
-
3
-
Volt
Baud Rate
-
-
38400
Baud
January 2004


Similar Part No. - 3-2000554

ManufacturerPart #DatasheetDescription
logo
MIPOT S.p.A.
3-2000553 MIPOT-3-2000553 Datasheet
513Kb / 1P
FSK TRANSMITTER
More results

Similar Description - 3-2000554

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
ASK Transmitter
Revision 1.0, 2010-04-23
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com