Electronic Components Datasheet Search
  English  ▼

X  

047701 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 047701
Description  Model 04770x Series Common Mode Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

047701 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  047701 Datasheet HTML 1Page - Bourns Electronic Solutions 047701 Datasheet HTML 2Page - Bourns Electronic Solutions 047701 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 04770x Series Common Mode Chokes
Impedance
1.00E+05
1.00E+04
1.00E+03
1.00E+02
1.00E+01
1.00E+00
1.5 mH / 14 A 047700
1.8 mH / 13 A 047701
2.2 mH / 12 A 047702
2.7 mH / 11 A 047703
3.3 mH / 10 A 047704
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
REV. 05/23
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Applications
n
Frequency converters
n
Wall boxes
n
Power supplies
n
Drives and control circuits
Solder Profile
260
100
1.5 SEC.
10 SEC.
1 °C/SEC.
200 °C/SEC.
5 °C/SEC.
TIME (SECONDS)
2 °C/SEC.
1ST WAVE
2ND WAVE
100
25
Profile Feature
Pb-Free Assembly
Average ramp-up rate ~ 200 °C/second
Heating rate during
preheat
typical 1-2 °/second
max. 4 °/second
Final preheat
temperature
within 125 °C of
soldering temperature
Peak temperature Tp 260 °C
Time within +0 °C /
-5 °C of actual peak
temperature
10 seconds
Ramp-down rate
5 °C/second max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com