Electronic Components Datasheet Search
  English  ▼

X  

055652 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 055652
Description  Model 0556xx Series Current Sense Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

055652 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  055652 Datasheet HTML 1Page - Bourns Electronic Solutions 055652 Datasheet HTML 2Page - Bourns Electronic Solutions 055652 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 0556xx Series Current Sense Transformers
Solder Profile
Profile Feature
Pb-Free Assembly
Average ramp-up rate
~ 200 °C/second
Heating rate during preheat
typical 1-2 °/second
max. 4 °/second
Final preheat temperature
within 125 °C of soldering
temperature
Peak temperature Tp
260 °C
Time within +0 °C / -5 °C of
actual peak temperature
10 seconds
Ramp-down rate
5 °C/second max.
TIME (SEC.)
260
1ST WAVE
200 °C/sec.
5 °C/sec.
2 °C/sec.
1 °C/sec.
2ND WAVE
10 sec.
1.5 sec.
100
100
25
REV. 05/23
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com