Electronic Components Datasheet Search
  English  ▼

X  

4818P Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 4818P
Description  4800P Series-Thick Film Surface Mount Medium Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4818P Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  4818P Datasheet HTML 1Page - Bourns Electronic Solutions 4818P Datasheet HTML 2Page - Bourns Electronic Solutions 4818P Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Surface Mount Ordering Guide
Electrical
Configuration
*Circuit Codes
Examples
Tape & Reel
Tubes
Isolated
1
T01
4816P-1-101
Isolated Circuit in Tape & Reel Package
Bussed
2
T02
Dual Terminated
3
T03
4816P-T01-101
Isolated Circuit in Slide Tube Package
Adj. Isolated
4
T04
*4816P-X-RC: To specify package type, replace “X” with appropriate “Circuit Code”.
POLYSTYRENE REEL
(ANTI-STATIC)
T
NOTE: DIMENSIONS NOT SPECIFIED ARE PER EIA RS-481-2.
DIMENSIONS:
F
W
4.0 ± .10
(.157 ± .004)
CARRIER TAPE
STATIC DISSIPATIVE
V
COVER TAPE
(ANTISTATIC)
12.0 ± .10
(.472 ± .004)
DIRECTION
OF FEED
MIN.
1.5
(.059)
MIN.
20.2
(.795)
MAX.
330.2
(13.0)
13.0 ± .20
(.512 ± .008)
DIA.
1.5 + .10/ - .00
(.059 + .004/ - .00)
1.5
(.059)
MIN. DIA.
MM
(IN)
Model
Standard Quantity
per Reel
Carrier Tape Width
(W)
Cover Tape Width
(W)
Reel Width
(T)
Pocket Center
(F)
4814P
2,000
24.0 ± .30
(.945 ± .012)
21.0
(.827)
NOM.
30.4
(1.197)
MAX.
11.5 ± .10
(.453 ± .004)
4816P
4818P
4820P
Leader Length = 500 min.
} Empty Component Pockets
Trailer Length = 500 mm min.
Sealed with Cover Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com