Electronic Components Datasheet Search
  English  ▼

X  

C1005 Datasheet(PDF) 21 Page - TDK Electronics

Part # C1005
Description  Commercial grade, general
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005 Datasheet(HTML) 21 Page - TDK Electronics

Back Button C1005 Datasheet HTML 17Page - TDK Electronics C1005 Datasheet HTML 18Page - TDK Electronics C1005 Datasheet HTML 19Page - TDK Electronics C1005 Datasheet HTML 20Page - TDK Electronics C1005 Datasheet HTML 21Page - TDK Electronics C1005 Datasheet HTML 22Page - TDK Electronics C1005 Datasheet HTML 23Page - TDK Electronics C1005 Datasheet HTML 24Page - TDK Electronics C1005 Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
(21/57)
20190828 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
Standard thickness  
1.25 mm 
1.60 mm 
2.00 mm 
2.30 mm 
2.50 mm
Standard thickness  
1.60 mm 
2.00 mm 
2.30 mm 
2.50 mm
■ For details such as the catalog numbers, please refer to the capacitance range table on page 24 and after.
Capacitance range chart
C3225 [1210 inch]
Capacitance
C0G
CH
JB
X5R
(pF)
Code
1H
(50V)
1H
(50V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
2,200,000
225
3,300,000
335
4,700,000
475
6,800,000
685
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
68,000,000
686
100,000,000
107
Capacitance
X6S
X7R
X7S
(pF)
Code
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
0J
(6.3V)
0G
(4V)
1N
(75V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
1H
(50V)
1A
(10V)
0J
(6.3V)
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
6,800,000
685
10,000,000
106
15,000,000
156
22,000,000
226
47,000,000
476
100,000,000
107
Background gray: These products are not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com