Electronic Components Datasheet Search
  English  ▼

X  

C5750 Datasheet(PDF) 9 Page - TDK Electronics

Part # C5750
Description  Commercial grade, soft termination
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750 Datasheet(HTML) 9 Page - TDK Electronics

Back Button C5750 Datasheet HTML 5Page - TDK Electronics C5750 Datasheet HTML 6Page - TDK Electronics C5750 Datasheet HTML 7Page - TDK Electronics C5750 Datasheet HTML 8Page - TDK Electronics C5750 Datasheet HTML 9Page - TDK Electronics C5750 Datasheet HTML 10Page - TDK Electronics C5750 Datasheet HTML 11Page - TDK Electronics C5750 Datasheet HTML 12Page - TDK Electronics C5750 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
(9/19)
20230206 / mlcc_commercial_soft_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
Standard thickness
  
1.60 mm 
2.00 mm 
2.30 mm 
2.50 mm
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Capacitance range chart
C3225 [1210 inch]
Capacitance
C0G
X7R
X7S
(pF)
Code
3A
(1kV)
2J
(630V)
2W
(450V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
1H
(50V)
2A
(100V)
1H
(50V)
1,000
102
1,200
122
1,500
152
1,800
182
2,200
222
2,700
272
3,300
332
3,900
392
4,700
472
5,600
562
6,800
682
8,200
822
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
220,000
224
470,000
474
1,000,000
105
2,200,000
225
3,300,000
335
4,700,000
475
10,000,000
106
Capacitance
X7T
X8R
(pF)
Code
2J
(630V)
2W
(450V)
2E
(250V)
2A
(100V)
1E
(25V)
1C
(16V)
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
3,300,000
335
4,700,000
475
10,000,000
106
Background gray: These products are not recommended for new designs.
Capacitance range chart
C4520 [1808 inch]
Capacitance
X7R
Standard thickness
1.30 mm
(pF)
Code
3D
(2kV)
1,000
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com