Electronic Components Datasheet Search
  English  ▼

X  

9852 Datasheet(PDF) 1 Page - KNIPEX

Part # 9852
Description  Cable Knife
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

9852 Datasheet(HTML) 1 Page - KNIPEX

  9852 Datasheet HTML 1Page - KNIPEX 9852 Datasheet HTML 2Page - KNIPEX 9852 Datasheet HTML 3Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product information
98 52
Cable Knife
IEC 60900 DIN EN 60900
● Ergonomically designed handle shape with comfortable slip guard
● Particularly confident grip thanks to slip-proof soft components
● Thumb recess and "finger hook" at the end of the handle ensure a
good transmission of force when the blade is pulled
● Solid, fixed straight blade
● Transparent protective cap
● Blade: special tool steel, oil-hardened
General
Article No.
98 52
EAN
4003773035565
Handles
insulating multi-component handle, VDE-tested
Weight
75 g
Dimensions
190 x 46 x 23 mm
Standard
DIN EN 60900 IEC 60900
Reach
no
RohS
no
Technical details
Blade length
50 mm
VDE tested
yes
Classification
eCl@ss 5.1.4
21040602
ETIM 5.0
EC000155
ETIM 6.0
EC000155
proficl@ss 6.0
EAB554c020
UNSPSC 13.1
23241609
Spare Parts
98 59 01
Spare Protecting Cap for 98 52 / 98 54 / 98 53 XX,
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 3


Similar Part No. - 9852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9852 ETC-9852 Datasheet
96Kb / 2P
Surface Mount Reed Relays
9852-03-00 ETC-9852-03-00 Datasheet
96Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9852-03-00 COTO-9852-03-00 Datasheet
366Kb / 2P
Surface Mount Reed Relays
logo
List of Unclassifed Man...
9852-03-10 ETC-9852-03-10 Datasheet
96Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9852-03-10 COTO-9852-03-10 Datasheet
366Kb / 2P
Surface Mount Reed Relays
More results

Similar Description - 9852

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
KAMES-LWL PHOENIX-KAMES-LWL Datasheet
45Kb / 2P
Cable knife for polymer fiber, for external sheath
QUICK-WIREFOX-6-EM PHOENIX-QUICK-WIREFOX-6-EM Datasheet
49Kb / 2P
Spare knife
QUICK-WIREFOX-16-EM PHOENIX-QUICK-WIREFOX-16-EM Datasheet
49Kb / 2P
Spare knife
1207284 PHOENIX-1207284 Datasheet
40Kb / 2P
Spare knife - CF-10 CUTTER KNIFE SET
3046148 PHOENIX-3046148 Datasheet
54Kb / 4P
Knife disconnect terminal block - UT 4-MTL KNIFE-WH
3046149 PHOENIX-3046149 Datasheet
54Kb / 4P
Knife disconnect terminal block - UT 6-MTL KNIFE-WH
3046150 PHOENIX-3046150 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL-P/P KNIFE-WH
3046152 PHOENIX-3046152 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL KNIFE-RD
3046153 PHOENIX-3046153 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 6-MTL KNIFE-RD
logo
SparkFun Electronics
TOL-14508 SPARKFUN-TOL-14508 Datasheet
165Kb / 2P
Slice Craft Knife
12??9??7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com