Electronic Components Datasheet Search
  English  ▼

X  

9855 Datasheet(PDF) 1 Page - KNIPEX

Part # 9855
Description  Stripping Knives With guide shoe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

9855 Datasheet(HTML) 1 Page - KNIPEX

  9855 Datasheet HTML 1Page - KNIPEX 9855 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
98 55
Stripping Knives
With guide shoe
IEC 60900 DIN EN 60900
● Solid, fixed hook blade, sickle shaped
● With guide shoe at the blade point
● No damage of the conductor insulation
● Blade: surgical steel, stainless, vacuum-hardened
● Ergonomically designed handle shape with comfortable slip guard
● Particularly confident grip thanks to slip-proof soft components
● Thumb recess and "finger hook" at the end of the handle ensure a
good transmission of force when the blade is pulled
● Transparent protective cap
General
Article No.
98 55
EAN
4003773022558
Handles
insulating multi-component handle, VDE-tested
Weight
77 g
Dimensions
180 x 46 x 26 mm
Standard
DIN EN 60900 IEC 60900
Reach
no
RohS
no
Technical details
Blade length
38 mm
Radius
23.5 mm
VDE tested
yes
Classification
eCl@ss 5.1.4
21040602
ETIM 5.0
EC000155
ETIM 6.0
EC000155
proficl@ss 6.0
EAB554c020
UNSPSC 13.1
23241609
Spare Parts
98 59 02
Spare Protecting Cap for 98 55,
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 9855

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9855 BELDEN-9855 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
logo
Sensata Technologies, I...
9855-R5K-L2.0 SENSATA-9855-R5K-L2.0 Datasheet
459Kb / 4P
ROTARY POSITION SENSOR
Rev.04/12/18
logo
Belden Inc.
9855.0101000 BELDEN-9855.0101000 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
9855.01010000 BELDEN-9855.01010000 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
9855.010500 BELDEN-9855.010500 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
More results

Similar Description - 9855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15000 ETC-15000 Datasheet
294Kb / 1P
Wiha Insulated Electrician?셲 Knives
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
HARTING Technology Grou...
09-14-000-9912 HARTING-09-14-000-9912 Datasheet
465Kb / 2P
Han-Modular PE-Cable shoe 16mm짼
2021-10-01
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com