Electronic Components Datasheet Search
  English  ▼

X  

LBN09004 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09004
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09004 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09004 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LBN09004 SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
89.9
90
90.1
Insertion Loss
dB
-
22.17
25
1 dB Bandwidth
MHz
25
25.22
12 dB Bandwidth
MHz
26.78
27
30 dB Bandwidth
MHz
27.59
28
50 dB Bandwidth
MHz
28.09
29
Passband Variation
dB
0.8
1.0
Absolute Delay
usec
1.95
Ultimate Rejection
dB
50
55
-
Substrate Material
128 LiNbO3
Ambient Temperature
C
25
Package Size
DIP2712(27.2X12.6X5.2mm
3)
Typical Performance
Package Outline
Matching Configuration
58
66
74
82
90
98
106
114
122
-102.1688
-92.1688
-82.1688
-72.1688
-62.1688
-52.1688
-42.1688
-32.1688
-22.1688
Frequency(MHz)
70
75
80
85
90
95
100
105
110
-26
-25
-24
-23
-22
-21
-20
Frequency(MHz)


Similar Part No. - LBN09004

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09004 SIPAT-LBN09004 Datasheet
134Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBN09004

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com