Electronic Components Datasheet Search
  English  ▼

X  

989911 Datasheet(PDF) 2 Page - KNIPEX

Part # 989911
Description  Compact Tool Case 17 parts With insulated tools for works on electrical installations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

989911 Datasheet(HTML) 2 Page - KNIPEX

  989911 Datasheet HTML 1Page - KNIPEX 989911 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Content
98 20 35
1 x Screwdrivers for slotted screws (3,5 mm)
98 20 40
1 x Screwdrivers for slotted screws (4,0 mm)
98 20 55
1 x Screwdrivers for slotted screws (5,5 mm)
98 24 00
1 x Screwdriver for cross recessed screws Phillips® (PH0)
98 42
1 x Reversible Ratchet with driving square 1/2"
98 45 125
1 x Extension Bar with internal/external square 1/2"
98 45 250
1 x Extension Bar with internal/external square 1/2"
98 47 10
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (10 mm)
98 47 11
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (11 mm)
98 47 12
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (12 mm)
98 47 13
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (13 mm)
98 47 14
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (14 mm)
98 47 17
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (17 mm)
98 47 19
1 x Hexagon Socket for hexagonal screws with internal square
1/2" (19 mm)
98 52
1 x Cable Knife
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 2 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com