Electronic Components Datasheet Search
  English  ▼

X  

175A-NA Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 175A-NA
Description  Step-Down (230VAC to 115VAC) Plug-In
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

175A-NA Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  175A-NA Datasheet HTML 1Page - Hammond Manufacturing Ltd. 175A-NA Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data subject to change without notice.
Part No.
Capacity
Overall Dimensions
Wt. Lbs.
VA
A
B
C
D
E
175A-NA
100
3.16
4.25
3.81
2.50
2.94
3.5
175B-NA
200
3.16
4.50
3.81
2.50
3.19
4.5
175C-NA
300
3.16
5.00
3.81
2.50
3.69
6
175D-NA
500
3.80
6.00
4.68
3.00
4.38
10
175E-NA
750
3.80
7.06
4.68
3.00
5.38
14
175F-NA
1000
3.80
7.06
4.68
3.00
5.38
14.5
175G-NA
1500
4.40
6.63
5.39
3.50
6.09
22
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com