Electronic Components Datasheet Search
  English  ▼

X  

175D-NA Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 175D-NA
Description  Step-Down (230VAC to 115VAC) Plug-In
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

175D-NA Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  175D-NA Datasheet HTML 1Page - Hammond Manufacturing Ltd. 175D-NA Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Step-Down (230VAC to 115VAC) 175 Series
Plug-In
Features
Single winding, does not provide isolation, for use where equipment is
already isolated and only voltage change is required.
World wide applications, 50 or 60 Hz. operation, step down (230VAC to 115
VAC).
Input is circuit breaker protected.
Hi-pot tested to 2 KV RMS.
Input is a standard 250V North American, 3-wire, grounded plug (can also
be used with adaptors for proper grounding).
Input on "-NA" version - connected to a 5 foot cord & grounded North
American 250V plug (NEMA 6-15P).
Output connected to a one foot long "pig tail" cord with standard North
American 115V - 3 wire grounded receptacle (NEMA 5-15R).
North American Mark of Safety - C UL & UL listed (File #E211544).
Indoor use only.
Remember - These units do NOT convert line frequency.
Gallery
Quality Products. Service Excellence.


Similar Part No. - 175D-NA

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
175D-EU HAMMOND-175D-EU Datasheet
345Kb / 2P
Auto Line Transformer
More results

Similar Description - 175D-NA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
Step-Down DC-to-DC Controller
12/06-Rev. A to Rev. B
logo
Monolithic Power System...
EV2355DN-00A MPS-EV2355DN-00A Datasheet
190Kb / 4P
4.75V to 23V In, 3A Out Step-Down DC/DC Converter
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
logo
Hammond Manufacturing L...
176F HAMMOND-176F Datasheet
259Kb / 1P
Autotransformer Step Up - Plug In
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
DC-to-DC Step-Down Converter
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
Step-Down DC-to-DC Controller
REV. C
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
Step-Down DC to DC Converter
April 18, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com