Electronic Components Datasheet Search
  English  ▼

X  

515 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 515
Description  Sloped Steel & Aluminum Consoles (500, 515 & 519 Series)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

515 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  515 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 3Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 4Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hammond - Steel & Aluminum - Sloping Consoles (500, 515 & 519 Series)
Sloped Steel & Aluminum Consoles
(500, 515 & 519 Series)
Path: Home > Enclosure Index > Sloped Steel & Aluminum Consoles
click to enlarge
click to enlarge
click to enlarge
15 Degree Slope (Steel Back)
15 Degree Slope (Aluminum Back)
30 Degree Slope (Aluminum Back)
Key Features:
q
18 ga. steel base for extra strength
q
Easy to machine - aluminum top panels are 0.064” thick aluminum.
q
Sides include vertical rows of ventilation
q
Sold pre-assembled with a two tone grey powder paint finish (base is dark satin gray, slope top is smooth light grey).
q
Comes with four self adhesive rubber feet and required hardware.
q
http://www.hammondmfg.com/dwg16Steel.htm (1 of 5)13/12/2006 15:43:18


Similar Part No. - 515

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
515 GILWAY-515 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Marl International Limi...
515 MARL-515 Datasheet
397Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
515 ETC2-515 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
515 OSCILENT-515 Datasheet
142Kb / 2P
HCMOS / TTL / Clipped Sine
logo
3M Electronics
515 3M-515 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
More results

Similar Description - 515

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
Game Consoles
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
High-Energy, Long Life, 500 V, Aluminum
logo
Littelfuse
51900001009 LITTELFUSE-51900001009 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
Revised: 02/22/15
logo
EDAC, All Rights Reserv...
519-SERIES EDAC-519-SERIES Datasheet
270Kb / 2P
519 Series Rack and Panel Connectors | Available in 14 and 36 positions
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
GardTec, Inc.
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-92M GARDTEC-AFM-92M Datasheet
367Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com