Electronic Components Datasheet Search
  English  ▼

X  

515 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 515
Description  Sloped Steel & Aluminum Consoles (500, 515 & 519 Series)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

515 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  515 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 3Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 4Page - Hammond Manufacturing Ltd. 515 Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hammond - Steel & Aluminum - Sloping Consoles (500, 515 & 519 Series)
Replacement screws 1421J6 (Pkg. of 6, 6-32 Philips head screws).
15 Degree Slope
(Aluminum Top Slope, Steel Base & Back)
click to enlarge
click to enlarge
Front View
Rear View
Part
Number
Reader
File
Drawing
File Size
AutoCAD
.dwg Files
(zipped)
.zip
File Size
Units
Dimensions
Width Depth
Rear
Height
Front
Height
500-0930
41K
27K
inch
7.0
7.0
2.13
1.2
mm
178
178
54
30
500-0940
41K
27K
inch
7.6
7.0
3.78
2.86
mm
190
178
96
73
500-0950
41K
27K
inch
11.7
7.83
2.13
1.2
mm
297
199
54
30
15 Degree Slope
http://www.hammondmfg.com/dwg16Steel.htm (2 of 5)13/12/2006 15:43:18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com