Electronic Components Datasheet Search
  English  ▼

X  

SATA12 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # SATA12
Description  12in SATA Serial ATA Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SATA12 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  SATA12 Datasheet HTML 1Page - StarTech.com Ltd. SATA12 Datasheet HTML 2Page - StarTech.com Ltd. SATA12 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12in SATA Serial ATA Cable
Product ID: SATA12
The SATA12 Serial ATA Cable features two 7-pin data receptacles and supports full SATA 3.0 bandwidth of up to
6Gbps when used with SATA 3.0 compliant drives.
Featuring a low profile, yet durable construction, the flexible design improves airflow and reduces clutter in your
computer case, helping to keep the case clean and cool.
Constructed of only top quality materials and designed for optimum performance and reliability this 12" SATA cable is
backed by our lifetime warranty.
Certifications, Reports and Compatibility
Applications
• Installing Serial ATA hard drives, and DVD drives in Small Form Factor computer cases
• Server and storage subsystem applications
• High-end workstation drive installations
• Connections to SATA Drive Arrays
Features


Similar Part No. - SATA12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K ADAM-TECH-SATA-A-PL-VT-K Datasheet
89Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
SATA-A4-PM-VT-SMT ADAM-TECH-SATA-A4-PM-VT-SMT Datasheet
100Kb / 1P
SATA CONNECTOR
SATA-A5-PR-SMT ADAM-TECH-SATA-A5-PR-SMT Datasheet
83Kb / 1P
SATA CONNECTOR
More results

Similar Description - SATA12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATAAPLSMT ADAM-TECH-SATAAPLSMT Datasheet
129Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Assmann Electronics Inc...
AK-SATA-015-R ASSMANN-AK-SATA-015-R Datasheet
62Kb / 1P
Serial ATA (SATA) Connection Cable - 0.15 Meter
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-100-R ASSMANN-AK-SATA-100-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Adam Technologies, Inc.
SATA-D-PL-SMT-S ADAM-TECH-SATA-D-PL-SMT-S Datasheet
95Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Tripp Lite. All Rights ...
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com