Electronic Components Datasheet Search
  English  ▼

X  

MOC8111 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MOC8111
Description  Optocoupler, Phototransistor Output, No Base Connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MOC8111 Datasheet(HTML) 2 Page - Vishay Siliconix

  MOC8111 Datasheet HTML 1Page - Vishay Siliconix MOC8111 Datasheet HTML 2Page - Vishay Siliconix MOC8111 Datasheet HTML 3Page - Vishay Siliconix MOC8111 Datasheet HTML 4Page - Vishay Siliconix MOC8111 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83661
2
Rev. 1.5, 11-Jan-08
MOC8111/MOC8112
Vishay Semiconductors
Optocoupler, Phototransistor Output,
No Base Connection
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage between emitter
and detector refer to standard climate
23/50 DIN 50014
VISO
5300
VRMS
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Isolation thickness between
emitter and detector
≥ 4mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max. 10 s, dip soldering distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.15
1.5
V
Reverse leakage current
VR = 6.0 V
IR
0.05
10
µA
Junction capacitance
V = 0 V, f = 1.0 MHz
Cj
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 1.0 µA
BVCEO
30
V
Collector emitter leakage current
VCE = 10 V
ICEO
1.0
50
nA
Emitter collector breakdown voltage
IE = 10 µA
BVECO
7.0
V
Collector emitter capacitance
VCE = 0 V, f = 1.0 MHz
CCE
7.0
pF
COUPLER
Collector saturation voltage
IC = 500 µA, IF = 10 mA
VCEsat
0.15
0.4
V
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 10 V
MOC8111
CTR
20
%
MOC8112
CTR
50
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VCC = 10 V, RL = 100 Ω
IC = 2.0 mA, see figure 1
ton
7.5
20
µs
Turn-off time
VCC = 10 V, RL = 100 Ω
IC = 2.0 mA, see figure 1
toff
5.7
20
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com