Electronic Components Datasheet Search
  English  ▼

X  

GS2AE82 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS2AE82
Description  Shaft extension, TeSys GS, length 200mm, cross section 5 x 5 mm, for switches 30-32 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2AE82 Datasheet(HTML) 1 Page - Schneider Electric

  GS2AE82 Datasheet HTML 1Page - Schneider Electric GS2AE82 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
GS2AE82
Shaft extension, TeSys GS, length 200mm, cross
section 5 x 5 mm, for switches 30-32 A
Main
Range
TeSys
Device short name
GS2AE
Product or component type
Shaft extension
Accessory / separate part category
Control accessory
Range compatibility
TeSys GS GS1D
TeSys GS GS2D
FuPact GS GSB32
FuPact GS GSC32
Switch rated current
30 A
32 A
Complementary
Length
200 mm
Shaft cross section
5 x 5 mm
Net weight
0.1 kg
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
May 11, 2020
1


Similar Part No. - GS2AE82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS2AE21 SCHNEIDER-GS2AE21 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
Aug 10, 2019
More results

Similar Description - GS2AE82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS1DD4 SCHNEIDER-GS1DD4 Datasheet
145Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P N - 32 A - NFC 10 x 38 mm
Jul 19, 2021
GS1DD3 SCHNEIDER-GS1DD3 Datasheet
172Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - 32 A - NFC 10 x 38 mm
Jul 18, 2021
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jul 19, 2021
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
TeSys GS - NFPA 79 internal handle kit for 5mm shaft
Jul 19, 2021
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS1AE2 SCHNEIDER-GS1AE2 Datasheet
57Kb / 2P
TeSys GS - shaft extension - 320 mm - 30...400 A
Sep 13, 2021
GS1AE7 SCHNEIDER-GS1AE7 Datasheet
72Kb / 2P
TeSys GS - shaft extension - front - 320 mm - 30 A
Sep 13, 2021
GS2AE21 SCHNEIDER-GS2AE21 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
Aug 10, 2019
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
GS1DD3 SCHNEIDER-GS1DD3_V01 Datasheet
185Kb / 3P
TeSys GS - switch-disconnectorfuse - 3 P - 32 A - NFC 10 x 38 mm
Jun 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com