Electronic Components Datasheet Search
  English  ▼

X  

LM005 Datasheet(PDF) 1 Page - LM Technologies Ltd

Part # LM005
Description  LM005 WiFi 802.11 b/g/n Adapter 300Mbps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM005 Datasheet(HTML) 1 Page - LM Technologies Ltd

  LM005 Datasheet HTML 1Page - LM Technologies Ltd LM005 Datasheet HTML 2Page - LM Technologies Ltd LM005 Datasheet HTML 3Page - LM Technologies Ltd LM005 Datasheet HTML 4Page - LM Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overview
Features
LM005 WiFi 802.11 b/g/n Adapter 300Mbps
Host Controller Interface (HCI) via USB Interface
Part No
Revised
Product
25/JAN/2017
See Last Page
LM005
WiFi 802.11 b/g/n
Operates in 2.4 GHz Frequency bands
Plug and Play (Linux, MAC OSX and Windows XP – 10 compatible)
Up to 300Mbps Data Transfer Rate
2x2 MIMO technology improves data throughput and range over
existing 802.11 b/g products
WPS button (Wi-Fi Protected Setup) for easy and secure
establishment in a wireless network.
802.11e-compatible bursting and I standards.
Fully-featured software utility for easy configuration and management
BPSK, QPSK, 16 QAM, 64 QAM, DBPSK, DQPSK, and CCK
modulation schemes.
WEP, TKIP, and AES, WPA, WPA2 hardware
encryption schemes.
Supports infrastructure networks through an access point
and ad-hoc network via peer to peer connections
Up to 180m range in open space
FCC and CE/ R&TTE certified solution
RoHS, REACH and WEEE compliant
The LM005 is a powerful 300Mbps adapter that also fully supports
the functional compliance of IEEE 802.11 e and i standards and therefore
can be used across IEEE 802.11 bands g n e and i.
In addition, the WiFi a, b, g, n USB Adapter also supports Linux and Mac OSX.
It is compatible with Linux Kernel 2.6.18~2.6.38, 3.0.2 Android 1.6~2.3 & 4.0.
and Mac OSX 10.5 - 10.11 (Tested with El Capitan)
The LM005 is available as an adapter only or as a retail pack.
The WiFi USB Adapter uses a Realtek IC alongside an LM qualified list of components. The WiFi adapter also works comfortably in
temperatures ranging from 0°C to +50°C.
LM005 has a maximum communication range of 180m (in open space). In order to obtain 300Mbps bandwidth the adapter broadcasts
on 2.4GHz. The dongle also incorporates 2x2 MIMO technology which improves the eectiveness of throughput and range over existing
802.11 g. It is designed to provide excellent performance with minimum power consumption.
This WiFi adapter has an excellent performance for better power management applications and is very cost eective.
LM005
Page 1 of 4
+44(0) 207 428 2647 | sales@lm-technologies.com
XP
Vista
7
8
OSX
10
9.8mm
52.3mm
24.4mm


Similar Part No. - LM005

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM0010-6L LEIDITECH-LM0010-6L Datasheet
840Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Bel Fuse Inc.
LM00200 BEL-LM00200 Datasheet
84Kb / 4P
VOICE OVER IP MAGNETICS Broadband Transformers
logo
LM Technologies Ltd
LM007 LMTECHNOLOGIES-LM007 Datasheet
3Mb / 5P
LM007 WiFi 802.11 b/g/n Adapter
11/JAN/2018
LM007-1051 LMTECHNOLOGIES-LM007-1051 Datasheet
3Mb / 5P
LM007 WiFi 802.11 b/g/n Adapter
11/JAN/2018
More results

Similar Description - LM005

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W145H ADVANTECH-EWM-W145H Datasheet
698Kb / 1P
802.11 b/g/n Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142 Datasheet
822Kb / 1P
802.11 b/g/n Mini PCIe Card
EWM-W149P ADVANTECH-EWM-W149P Datasheet
305Kb / 1P
802.11 a/b/g/n USB 4-Pin WiFi Module Card
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
logo
Advantech Co., Ltd.
EWM-W162M2 ADVANTECH-EWM-W162M2 Datasheet
295Kb / 1P
802.11 ac/a/b/g/n
EWM-W163M2 ADVANTECH-EWM-W163M2 Datasheet
275Kb / 1P
802.11 ac/a/b/g/n
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
802.11 b/g/n
EWM-W168H ADVANTECH-EWM-W168H Datasheet
343Kb / 1P
802.11 a/b/g/n/ac
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
logo
Advantech Co., Ltd.
UTC-300P-W12E ADVANTECH-UTC-300P-W12E Datasheet
226Kb / 1P
WiFi 802.11 ac/a/b/g/n 2T2R w/Bluetooth 4.2, M.2, Antennas
18-Sep-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com