Electronic Components Datasheet Search
  English  ▼

X  

LM005-1007 Datasheet(PDF) 3 Page - LM Technologies Ltd

Part # LM005-1007
Description  LM005 WiFi 802.11 b/g/n Adapter 300Mbps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM005-1007 Datasheet(HTML) 3 Page - LM Technologies Ltd

  LM005-1007 Datasheet HTML 1Page - LM Technologies Ltd LM005-1007 Datasheet HTML 2Page - LM Technologies Ltd LM005-1007 Datasheet HTML 3Page - LM Technologies Ltd LM005-1007 Datasheet HTML 4Page - LM Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM005 WiFi 802.11 b/g/n Adapter 300Mbps
Host Controller Interface (HCI) via USB Interface
Part No
Product
See Last Page
LM005
Hardware Structure
1
Push Switch.
2
USB Connector.
3
Compact Casing.
By pressing the Reset Button you can:
Disconnect a wireless connection (after a short press).
Restore the factory settings (after over 3 seconds press).
The slide witch can swap TxD/RxD, RTS/CTS and DTR/DSR Signals. By switching, you can set the
adapter as a DTE (towards antenna connector) or a DCE (towards RS232 connector).
1
2
3
24.4mm
Switch Functions
Physical Dimensions
Reset Button
Slide Switch
37.3mm
52.3mm
LM005
Page 3 of 4
+44(0) 207 428 2647 | sales@lm-technologies.com
24.4mm
9.8mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com