Electronic Components Datasheet Search
  English  ▼

X  

SM5320AV Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5320AV
Description  5-channel Video Buffer with Built-in wideband LPF
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5320AV Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5320AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SM5320A
SEIKO NPC CORPORATION —13
Slave Address
The 7-bit slave address is selected using the ADS pin. When ADS = “L” the address is 48h (1001000b), when
ADS = “H” the address is 49h (1001001b), and when ADS = “Z” (open) the address is 4Ah (1001010b). A
maximum of three SM5320A devices can be connected to the same I2C-BUS simultaneously, and controlled
independently by setting the slave address of each using the ADS pin. When writing to control register, send
sub address of control register following slave address.
Control Register
The SM5320A has a 4-byte control register.
SLAVE ADDRESS for control register write (1st byte)
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
Description
Name
SLAVE ADDRESS
R/W
Value
10010000
90h
Indicate to write when device's slave
address is 48h (ADS = "L")
10010010
92h
Indicate to write when device's slave
address is 49h (ADS = "H")
10010100
94h
Indicate to write when device's slave
address is 4Ah (ADS = "Z")
SUB ADDRESS for control register write (2nd byte)
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
Description
Name
SUB ADDRESS
Value
00000000
00h
Indicate to write control register 00h
00000001
01h
Indicate to write control register 01h
00000010
02h
Indicate to write control register 02h
00000011
03h
Indicate to write control register 03h
Sub
Addr.
Register assign
default
Description
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
(Hex)
00h
FCM
FC6
FC5
FC4
FC3
FC2
FC1
FC0
00h
OUT1 to OUT3 fc control
01h
CB5
CB4
CB3
CB2
CB1
CB0
BYP
–
00h
OUT1 to OUT3 input method and filter
bypass setting
02h
PD
HALF
GS15
GS14
GS13
GS12
GS11
GS10
00h
OUT1 to OUT3 gain control
03h
–
–
GS25
GS24
GS23
GS22
GS21
GS20
00h
YOUT, COUT gain control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com