Electronic Components Datasheet Search
  English  ▼

X  

LM780 Datasheet(PDF) 2 Page - LM Technologies Ltd

Part # LM780
Description  LM780 Bluetooth® v2.0, v2.1 Data Module with IC Antenna
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM780 Datasheet(HTML) 2 Page - LM Technologies Ltd

  LM780 Datasheet HTML 1Page - LM Technologies Ltd LM780 Datasheet HTML 2Page - LM Technologies Ltd LM780 Datasheet HTML 3Page - LM Technologies Ltd LM780 Datasheet HTML 4Page - LM Technologies Ltd LM780 Datasheet HTML 5Page - LM Technologies Ltd LM780 Datasheet HTML 6Page - LM Technologies Ltd LM780 Datasheet HTML 7Page - LM Technologies Ltd LM780 Datasheet HTML 8Page - LM Technologies Ltd LM780 Datasheet HTML 9Page - LM Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM780 Bluetooth® v2.0, v2.1 Data Module with IC Antenna
Standalone (With Embedded Bluetooth® v2.0 / v2.1 Stack)
Part No
Product
LM780
LM780
Page 2 of 9
+44(0) 207 428 2647 | sales@lm-technologies.com
See Last Page
General Specification
Wireless
Bluetooth® Standard
Module Type
Profiles
v2.0 + EDR and v2.1 + EDR
Standalone (Configurable with AT Commands)
SPP
Hardware
Chipset
Antenna
Flash Memory
RAM
Interfaces
UART lines
Full Duplex (UART)
Baud Rate (UART)
Audio Interfaces
Power Supply
Crystal Oscillator
Development Kit
CSR
IC Antenna
8 Mbit
48 KB
SPI, UART, USB 2.0 (Full Speed) and PIO
RX, TX, RTS, CTS and GND
Yes
1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, 115.2, 230.4, 460.8 and 921.6 Kbps
PCM
3V - 5.5V
26 MHz
LM555
RF Characteristics
Tx Output Power
Rx Sensitivity
Current Consumption (Idle Mode)
Current Consumption (Deep Sleep Mode)
Range (in open space)
Data Rate
Frequency
Hopping
Modulation Scheme
4 dBm (Typical)
TBA
19mA (Typical)
0.9mA (Typical)
25m
Up to 3Mbps
2.4GHz to 2.485 GHz
1,600/sec, 1MHz channel space
GFSK-Mbps, DQPSK-2 Mbps, and 8-DPSK-3Mbps
-10°C to +70°C
26.92mm x 15.20mm x 2.0mm
1.98 g
FCC, and CE / RED Directive
RoHS, REACH and WEEE
Physical Characteristics
Operating Temperature
Dimensions (L x W x H)
Weight
Certifications
Compliance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com