Electronic Components Datasheet Search
  English  ▼

X  

LBN09019 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09019
Description  90MHz IF SAW Filter 24MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09019 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09019 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09019
Rev. Date
2007-07-04
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz IF SAW Filter
24MHz Bandwidth
Part Number: LBN09019
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
89.875
90
90.125
Insertion Loss
dB
-
30.8
35
1 dB Bandwidth
MHz
-
23.94
-
1.5 dB Bandwidth
MHz
24
24.01
-
3dB Bandwidth
MHz
-
24.13
-
25 dB Bandwidth
MHz
-
24.7
24.8
40 dB Bandwidth
MHz
-
24.86
-
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
3.74
-
Ultimate Rejection(f0±13MHz)
dB
50
52
-
Material Temperature coefficient
KHz/°C
-8.46
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=10nH L2=56nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
L2
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN09019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09019 SIPAT-LBN09019 Datasheet
151Kb / 4P
90MHz IF SAW Filter
More results

Similar Description - LBN09019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09003 SIPAT-LBN09003 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09006 SIPAT-LBN09006 Datasheet
139Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09008 SIPAT-LBN09008 Datasheet
136Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09010 SIPAT-LBN09010 Datasheet
138Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09017 SIPAT-LBN09017 Datasheet
138Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09020 SIPAT-LBN09020 Datasheet
146Kb / 4P
90MHz IF SAW Filter 24MHz Bandwidth
LBN09023 SIPAT-LBN09023 Datasheet
187Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09006 SIPAT-LBN09006_08 Datasheet
150Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09025 SIPAT-LBN09025 Datasheet
192Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com