Electronic Components Datasheet Search
  English  ▼

X  

ADRF5714 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5714
Description  Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5714 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5714 Datasheet HTML 1Page - Analog Devices ADRF5714 Datasheet HTML 2Page - Analog Devices ADRF5714 Datasheet HTML 3Page - Analog Devices ADRF5714 Datasheet HTML 4Page - Analog Devices ADRF5714 Datasheet HTML 5Page - Analog Devices ADRF5714 Datasheet HTML 6Page - Analog Devices ADRF5714 Datasheet HTML 7Page - Analog Devices ADRF5714 Datasheet HTML 8Page - Analog Devices ADRF5714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5714
Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 30 GHz
►
16 dB single attenuation step
►
Low insertion loss
►
0.7 dB at 8 GHz
►
0.9 dB at 18 GHz
►
1.3 dB at 30 GHz
►
Attenuation accuracy: ±0.20 dB typical at up to 30 GHz
►
High input linearity
►
P0.1dB insertion loss state: 33 dBm typical
►
P0.1dB 16 dB attenuation state: 30 dBm typical
►
IP3 insertion loss state: 51 dBm typical
►
IP3 16 dB attenuation state: 49 dBm typical
►
High RF power handling
►
30 dBm typical steady state average
►
33 dBm typical steady state peak
►
RF amplitude settling time (0.1 dB of final RFOUT): 110 ns typical
►
Single-supply operation supported
►
Tight distribution in relative phase
►
No low frequency spurious signals
►
CMOS-/LVTTL-compatible
►
12-terminal, 2.25 mm x 2.25 mm, land grid array [LGA] package
APPLICATIONS
►
Industrial scanners
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeter wave
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5714 is a silicon, 1-bit digital attenuator with 16 dB
attenuation, which supports glitch-free operation.
This device operates from 100 MHz to 30 GHz with better than
1.3 dB of insertion loss and excellent attenuation accuracy. The
ATTIN and ATTOUT port of the ADRF5714 has an RF input power
handling capability of 30 dBm average and 33 dBm peak.
The ADRF5714 requires a dual-supply voltage of +3.3 V and −3.3
V. The device features CMOS-/low voltage transistor to transistor
logic (LVTTL)-compatible control.
The ADRF5714 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is tied
to ground. See the Theory of Operation section for more details.
The ADRF5714 RF ports are designed to match a characteristic
impedance of 50 Ω. The ADRF5714 comes in a 12-terminal, 2.25
mm × 2.25 mm, RoHS compliant, LGA package and operates from
−40°C to +105°C.


Similar Part No. - ADRF5714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5714-EVALZ AD-ADRF5714-EVALZ Datasheet
808Kb / 9P
Evaluation of the ADRF5714 Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
Rev. 0
More results

Similar Description - ADRF5714

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADH941S AD-ADH941S Datasheet
351Kb / 8P
0.1 GHz to 30 GHz Digital Attenuator Die
20-Mar-2020
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
logo
Analog Devices
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com