Electronic Components Datasheet Search
  English  ▼

X  

ADRF5715 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5715
Description  Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5715 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5715 Datasheet HTML 1Page - Analog Devices ADRF5715 Datasheet HTML 2Page - Analog Devices ADRF5715 Datasheet HTML 3Page - Analog Devices ADRF5715 Datasheet HTML 4Page - Analog Devices ADRF5715 Datasheet HTML 5Page - Analog Devices ADRF5715 Datasheet HTML 6Page - Analog Devices ADRF5715 Datasheet HTML 7Page - Analog Devices ADRF5715 Datasheet HTML 8Page - Analog Devices ADRF5715 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5715
Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 1 MHz to 30 GHz
►
Attenuation range: 16 dB typical
►
Low insertion loss
►
0.6 dB at 8 GHz
►
0.8 dB at 18 GHz
►
1.15 dB at 30 GHz
►
Attenuation accuracy
►
±0.15 dB typical up to 18 GHz
►
±0.20 dB typical 18 GHz up to 30 GHz
►
High input linearity
►
P0.1dB insertion loss state: 33 dBm typical
►
P0.1dB 16 dB attenuation state: 30 dBm typical
►
IP3 insertion loss state: 51 dBm typical
►
IP3 16 dB attenuation state: 49 dBm typical
►
High RF power handling
►
Input at ATTIN and ATTOUT
►
30 dBm typical steady state average
► ►
33 dBm typical steady state peak
►
RF amplitude settling time (0.1 dB of final RFOUT): 6.5 µs typical
►
Single-supply operation supported
►
Tight in relative phase
►
No low frequency spurious signals
►
CMOS-/LVTTL-compatible
►
12-terminal, 2.25 mm x 2.25 mm, land grid array [LGA] package
APPLICATIONS
►
Industrial scanners
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeter wave
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5715 is a silicon, 1-bit digital attenuator with 16 dB
attenuation.
The ADRF5715 operates from 1 MHz to 30 GHz with better than
1.15 dB of insertion loss and excellent attenuation accuracy. The
ATTIN and ATTOUT port of the ADRF5715 have an RF power
handling capability of 30 dBm steady state average and 33 dBm
steady state peak.
The ADRF5715 requires a dual-supply voltage of +3.3 V and −3.3
V. The device features complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-compati-
ble controls.
The ADRF5715 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is tied
to ground. See the Theory of Operation section for more details.
The ADRF5715 RF ports are designed to match a characteristic
impedance of 50 Ω. The ADRF5715 comes in a 12-terminal, 2.25
mm × 2.25 mm, RoHS-compliant, LGA package and operates from
−40°C to +105°C.


Similar Part No. - ADRF5715

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5715-EVALZ AD-ADRF5715-EVALZ Datasheet
846Kb / 7P
Evaluation of the ADRF5715 Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
Rev. 0
More results

Similar Description - ADRF5715

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
logo
Skyworks Solutions Inc.
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
M/A-COM Technology Solu...
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Analog Devices
HMC470A AD-HMC470A Datasheet
373Kb / 11P
0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
9/2017-Rev. 01.0716 to Rev. A
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com