Electronic Components Datasheet Search
  English  ▼

X  

1402 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1402
Description  Instrument Case (1402 Series)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1402 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1402 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1402 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
77
www
.ham
mondm
fg.com
©
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
.047" 1.2 mm
.075" 1.9 mm
0.21"
5.3 mm
0.14" 3.6 mm
0.50"
12.7 mm
0.80"
20.3 mm
1.25"
31.8 mm
1.5"
38.1 mm
0.40" 10.2 mm
0.10" 2.5 mm
25
25
4
25
37
25
J
K
L
H
Instrument Case (1402 Series)
Front & Rear Panel Detail
Front View - Panel Mounted
Side View (Vented)
Top View - (Vented)
Front View - Panel Removed
Right & Left Side Extrusion Detail
:
r
o
f
l
e
n
a
P
s
t
i
n
U
s
n
o
i
s
n
e
m
i
D
H
J
K
L
B
2
0
4
1
h
c
n
i9
1
.
25
9
.
65
2
.
18
6
4
.
m
m3
6
.
5
53
5
.
6
7
15
7
.
1
39
8
.
1
1
D
2
0
4
1
h
c
n
i9
1
.
25
9
.
65
2
.
18
6
4
.
m
m3
6
.
5
53
5
.
6
7
15
7
.
1
39
8
.
1
1
.
2
0
4
1
h
c
n
i4
9
.
25
9
.
65
2
.
13
4
8
.
m
m8
6
.
4
73
5
.
6
7
15
7
.
1
34
.
1
2
H
2
0
4
1
h
c
n
i9
6
.
36
8
.
95
2
.
12
2
.
1
m
m3
7
.
3
94
4
.
0
5
25
7
.
1
39
9
.
0
3
K
2
0
4
1
h
c
n
i9
6
.
36
8
.
95
2
.
12
2
.
1
m
m3
7
.
3
94
4
.
0
5
25
7
.
1
39
9
.
0
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com