Electronic Components Datasheet Search
  English  ▼

X  

1455P2201.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1455P2201..
Description  OPTIONAL FLANGE END PANELS 1455PF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455P2201.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1455P2201.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTIONAL FLANGE END PANELS
1455PF
1455P2201
1455P2201BK
Clear Anodized
Black Anodized
See website for accessories.
ACCESSORIES
NOTE
Purchased assembly includes box, plastic bezels, end panels, #6
Taptight screws and self adhesive rubber feet.
1455P2201
PART NUMBERS
Box made from Extruded Aluminum 6063.
Bezels made with polycarbonate.
1
1
2
2
A
A
B
B
D
D
C
C
1.70
[.067]
125.50
[4.941]
129.00
[5.079]
7.00
[.276]
26.13
[1.029]
120.50
[4.744]
22.52
[.887]
115.52
[4.548]
30.63
[1.206]
34.13
[1.344]
22.52
[.887]
115.52
[4.548]
30.43
[1.198]
125.30
[4.933]
1.50
[.059]
Extrusion
Slot Details
End Plate
Open Bezel
1455P2201
120.50
[4.744]
115.50
[4.547]
125.00
[4.921]
26.45
[1.041]
220.00
[8.661]
30.50
[1.201]
5.19
[.204]
2.00
[.079]
1.50
[.059]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
Contact Factory
mjm@hammondmfg.com°
EXTRUSION DESIGNED FOR 120MM WIDE PC BOARD
220.00
`.50
8.661
`.020
[]


Similar Part No. - 1455P2201..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1455P2201 HAMMOND-1455P2201 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
1455P2201 HAMMOND-1455P2201 Datasheet
486Kb / 6P
Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates
12/19/2018
1455P2201 HAMMOND-1455P2201 Datasheet
487Kb / 7P
Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates
1/5/2021
1455P2201 HAMMOND-1455P2201 Datasheet
1Mb / 7P
Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates
3/21/24, 3:34 AM
1455P2201 HAMMOND-1455P2201 Datasheet
451Kb / 6P
Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates
6/6/2018
More results

Similar Description - 1455P2201..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
logo
Amphenol Corporation
132255-83233 AMPHENOL-132255-83233 Datasheet
70Kb / 2P
SMA END LAUNCH RECETP. JACK, RIBBED FLANGE
132322-60272 AMPHENOL-132322-60272 Datasheet
79Kb / 2P
SMA END LAUNCH RECETP. JACK.250" SQUARE FLANGE
logo
Tyco Electronics
1711278-1 MACOM-1711278-1 Datasheet
83Kb / 1P
Shielded Patch Panels
logo
Hammond Manufacturing L...
1455P1601BK HAMMOND-1455P1601BK Datasheet
271Kb / 1P
OPTIONAL FLANGE END PANELS
logo
Visual Communications C...
CM8-374 VCC-CM8-374 Datasheet
57Kb / 1P
Wire Terminal, Midget Flange Base Lens End
logo
List of Unclassifed Man...
PA-1133-MG ETC2-PA-1133-MG Datasheet
43Kb / 1P
RELAY RACK PANELS
A14N12PP ETC2-A14N12PP Datasheet
1Mb / 16P
PERFORATED PANELS
logo
Bud Industries, Inc.
PA-1101-MG BUD-PA-1101-MG Datasheet
46Kb / 1P
RELAY RACK PANELS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com