Electronic Components Datasheet Search
  English  ▼

X  

SD4600 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD4600
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4600 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4600 Datasheet HTML 1Page - STMicroelectronics SD4600 Datasheet HTML 2Page - STMicroelectronics SD4600 Datasheet HTML 3Page - STMicroelectronics SD4600 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1,C10 : 120pF Chip Capacitor B Size
C2,C5
C11,C14: 470pF Chip Capacitor B Size
C6,C7 : 100
µF Electrolytic Capacitor
C8
: 4.7
µF Electrolytic Capacitor
C9
: 10
µF Electrolytic Capacitor
C15
: 39,000pF Chip Capacitor
C16
: 63
µF Capacitor
C17
: .6 - 4.5pF Johanson Variable Capacitor
C18
: .8 - 8.0pF Johanson Variable Capacitor
R1, R2 : 20
(.5W) Chip Resistor
R3
: 10K Potentiometer
R4
: 4
3.17K
(.25W) Chip Resistor
S1
: Teflon Glass Er
= 2.33 H = .020
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
ZCL
ZIN
H
L
H
L
POUT
= 60W
VCC
= 26V
Normalized to 50ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
860 MHz
17 + j10
11 + j12
900 MHz
14 + j 10
10 + j 10.5
960 MHz
12.5 + j 8
8.5 + j 8.5
SD4600
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com