Electronic Components Datasheet Search
  English  ▼

X  

LBN11538 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11538
Description  115MHz SAW Filter 12MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11538 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11538 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11538 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11538 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN11538
Rev. Date
2005-6-8
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
12MHz Bandwidth
Part Number: LBN11538
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.9
115
115.1
Insertion Loss
dB
-
26
27.5
2 dB Bandwidth
MHz
12
12.05
-
35 dB Bandwidth
MHz
-
12.75
12.8
40 dB Bandwidth
MHz
-
12.8
13.2
45 dB Bandwidth
MHz
-
12.9
14
Passband Variation
dB
-
1.5
2
Absolute Delay
usec
-
3.65
-
Ultimate Rejection
dB
43
45
-
Subatrate Material
YZ
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN11538

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11538 SIPAT-LBN11538 Datasheet
144Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
More results

Similar Description - LBN11538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
115MHz SAW Filter 0.22MHz Bandwidth
logo
SIPAT Co,Ltd
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
140MHz SAW Filter 12MHz Bandwidth
LBN07905 SIPAT-LBN07905 Datasheet
187Kb / 3P
78.75MHz SAW Filter 12MHz Bandwidth
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
115MHz SAW Filter 26MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
140Kb / 3P
115MHz SAW Filter 1MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
139Kb / 3P
115MHz SAW Filter 5MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
144Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com