Electronic Components Datasheet Search
  English  ▼

X  

LBN11547 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11547
Description  115MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11547 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11547 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11547 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11547 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN11547
Rev. Date
2012-02-27
Ver.
3.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
115MHz SAW Filter
24MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LBN11547
N11547
N11547
N11547
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
114.875
115
115.125
Insertion Loss
dB
-
30.9
33
3dB Bandwidth
MHz
24
24.13
-
30 dB Bandwidth
MHz
24.75
24.8
Passband Variation
dB
-
0.7
1.5
Absolute Delay
usec
-
3.62
4.0
Ultimate Rejection(f0±14MHz)
dB
50
52
-
Material Temperature coefficient
KHz/°C
-10.8
Substrate Material
-
YZ-LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512 (35*12.6*5.2mm3)
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN11547

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11547 SIPAT-LBN11547 Datasheet
321Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN11547 SIPAT-LBN11547_09 Datasheet
148Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN11547

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN16041 SIPAT-LBN16041 Datasheet
138Kb / 3P
160MHz SAW Filter 24MHz Bandwidth
LBN13504 SIPAT-LBN13504 Datasheet
137Kb / 3P
135MHz SAW Filter 24MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
145Kb / 3P
138.24MHz SAW Filter 24MHz Bandwidth
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
76.8MHz SAW Filter 24MHz Bandwidth
LBN10708 SIPAT-LBN10708 Datasheet
150Kb / 3P
107MHz SAW Filter 24MHz Bandwidth
LBN11547 SIPAT-LBN11547_09 Datasheet
148Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN11547 SIPAT-LBN11547 Datasheet
321Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN11573 SIPAT-LBN11573 Datasheet
291Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN14089 SIPAT-LBN14089 Datasheet
143Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com