Electronic Components Datasheet Search
  English  ▼

X  

RB495DFH Datasheet(PDF) 1 Page - Rohm

Part # RB495DFH
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB495DFH Datasheet(HTML) 1 Page - Rohm

  RB495DFH Datasheet HTML 1Page - Rohm RB495DFH Datasheet HTML 2Page - Rohm RB495DFH Datasheet HTML 3Page - Rohm RB495DFH Datasheet HTML 4Page - Rohm RB495DFH Datasheet HTML 5Page - Rohm RB495DFH Datasheet HTML 6Page - Rohm RB495DFH Datasheet HTML 7Page - Rohm RB495DFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RB495DFH
Schottky Barrier Diode
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          ●Outline
VR
25
V
     
 
Io
400
mA
 
 
IFSM
2
A
 
 
 
 
 
     
●Features
●Inner Circuit
High reliability
Small mold type
Super Low VF
●Application
●Packaging Specifications
Small current rectification
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
T146
Marking
D3Q
●Absolute Maximum Ratings (Ta = 25ºC unless otherwise stated)
Parameter
Symbol
Conditions
Limits
Unit
Repetitive peak reverse voltage
VRM
Duty≦0.5
40
V
Reverse voltage
VR
Reverse direct voltage
25
V
Average rectified forward current
Io
Glass epoxy mounted、60Hz half sin
wavef orm、resistive load、Io/2 per diode
400
mA
Average rectified forward current
IFSM
60Hz half sin wavef orm、Non-repetitive、
one cycle、per diode、Ta=25ºC
2
A
Junction temperature
Tj
-
125
℃
Storage temperature
Tstg
-
-40 ~ 125
℃
Operation temperature
Topr
-
-30 ~ 85
℃
                                                                                        
●Characteristics (Ta = 25ºC unless otherwise stated)
Value per diode
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF1
IF=10mA
-
-
0.3
V
VF2
IF=200mA
-
-
0.5
V
Reverse current
IR
VR=25V
-
-
70
μA
※Caution:static electricity
Attention
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
 
             
 
2016/09/28_Rev.001


Similar Part No. - RB495DFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB495D ROHM-RB495D Datasheet
53Kb / 2P
Schottky barrier diode
RB495D ROHM-RB495D Datasheet
207Kb / 4P
Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB495D TEL-RB495D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB495D KEXIN-RB495D Datasheet
36Kb / 1P
Schottky barrier diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
More results

Similar Description - RB495DFH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com