Electronic Components Datasheet Search
  English  ▼

X  

CABLE-PH16 Datasheet(PDF) 5 Page - Analog Devices

Part # CABLE-PH16
Description  Cables Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CABLE-PH16 Datasheet(HTML) 5 Page - Analog Devices

  CABLE-PH16 Datasheet HTML 1Page - Analog Devices CABLE-PH16 Datasheet HTML 2Page - Analog Devices CABLE-PH16 Datasheet HTML 3Page - Analog Devices CABLE-PH16 Datasheet HTML 4Page - Analog Devices CABLE-PH16 Datasheet HTML 5Page - Analog Devices CABLE-PH16 Datasheet HTML 6Page - Analog Devices CABLE-PH16 Datasheet HTML 7Page - Analog Devices CABLE-PH16 Datasheet HTML 8Page - Analog Devices CABLE-PH16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Cables Manual • Version V1.00 | 2018-Jul-23
5 / 12
Color
Pin1: Black | Pin2: Red | Pin3: Blue | Pin4: Gray | Pin5: Brown | Pin6: White
Table 5: Speci cations Cable-EH06
Parameter
Description
Order Code
Cable-EH08
Name
TMC-EHR-08
Art. Nr.
70-0027
Material
AWG 24 UL/CSA 1007/1569-TR64
Length
200mm
End 1
EHR8 connector
End 2
Clean cut
Color
Pin1: Black | Pin2: Red | Pin3: Blue | Pin4: Gray | Pin5: Brown | Pin6: White | Pin7:
Yellow | Pin8: Green
Table 6: Speci cations Cable-EH08
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com