Electronic Components Datasheet Search
  English  ▼

X  

LTC3901 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3901
Description  Isolated Full Bridge Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3901 Datasheet(HTML) 1 Page - Analog Devices

  LTC3901 Datasheet HTML 1Page - Analog Devices LTC3901 Datasheet HTML 2Page - Analog Devices LTC3901 Datasheet HTML 3Page - Analog Devices LTC3901 Datasheet HTML 4Page - Analog Devices LTC3901 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LTC3722, LTC4440, LTC3901, AND LT1431
1
DESCRIPTION
Demonstration circuit 607 is an Isolated Full Bridge
Converter
featuring
the
LTC3722,
LTC4440,
LTC3901, and LT1431. This circuit was designed to
demonstrate the phase-shifted full bridge power
supply to generate 12V at 35A from a typical tele-
com input voltage range of 36 to 72V. Isolation volt-
age is 1500VDC. Fixed zero-voltage transition tim-
ing was chosen because of the relatively fast bridge
leg transition times with 48V input. The DC607A
PCB layout includes options to implement adaptive
timing.
D esign files for this circuit board are available.
Callthe LTC factory.
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT
and Pow erPath are trademarks of Linear Technology Corporation.
Performance Summary (Typical, TA = 25°C)
PAR AM ETER
CO ND ITION
VALU E
M inimum Input Voltage
36V
M aximum Input Voltage
72V
Output Voltage VOUT
VIN = 36V to 72V, IOUT = 0A to 35A, 200LFM
12V
M aximum Output Current
200LFM
35A
Typical Output Ripple VOUT
VIN = 48V, IOUT = 35A (20M HzBW )
200mVP–P
Dynamic Response
Peak Deviation
Load Step of 0A to 35A (1A/us)
Settling Time (to w ithin 30mV of set point)
300mV
750us
Nominal Sw itching Frequency
205kHz
Efficiency
VIN = 48V, IOUT = 35A, 200LFM
VIN = 48V, IOUT = 25A, 200LFM
>92% Typical
>93% Typical
DEMO CIRCUIT 607
QUICK START GUIDE
LTC3722, LTC4440, LTC3901,
and LT1431
Isolated Full Bridge Converter


Similar Part No. - LTC3901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901 LINER-LTC3901 Datasheet
229Kb / 16P
Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
LTC3901 LINER-LTC3901 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3901 LINER-LTC3901 Datasheet
282Kb / 20P
Synchronous Rectifier Driver for Forward Converters
LTC3901EGN LINER-LTC3901EGN Datasheet
229Kb / 16P
Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
LTC3901 LINER-LTC3901_15 Datasheet
239Kb / 16P
Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
More results

Similar Description - LTC3901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9930 STMICROELECTRONICS-L9930 Datasheet
103Kb / 12P
DUAL FULL BRIDGE
Oct-1996
logo
Bourns Electronic Solut...
SC5A BOURNS-SC5A Datasheet
155Kb / 2P
5-amp, full-featured, non-isolated DC-DC converter
SD10A BOURNS-SD10A Datasheet
81Kb / 2P
full-featured, dual output, non-isolated DC-DC converter
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
04-Jun-2007
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
ON Semiconductor
NMLU1210 ONSEMI-NMLU1210 Datasheet
152Kb / 6P
Full Bridge Rectifier
December, 2011 ??Rev. 0
NSR1030QMUTAG ONSEMI-NSR1030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com