Electronic Components Datasheet Search
  English  ▼

X  

DC607A Datasheet(PDF) 2 Page - Analog Devices

Part # DC607A
Description  Isolated Full Bridge Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC607A Datasheet(HTML) 2 Page - Analog Devices

  DC607A Datasheet HTML 1Page - Analog Devices DC607A Datasheet HTML 2Page - Analog Devices DC607A Datasheet HTML 3Page - Analog Devices DC607A Datasheet HTML 4Page - Analog Devices DC607A Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LTC3722, LTC4440, LTC3901, AND LT1431
2
OPERATING PRINCIPLES
The LTC3722 Synchronous Dual Mode Phase Modu-
lated Full Bridge Controller is used on the primary and
works together with the LTC3901 Secondary Side
Synchronous Driver to provide a synchronous recti-
fied output. When an input voltage is applied, the
LTC3722 begins a controlled soft-start of the output
voltage. As this voltage begins to rise, the LT1431
Programmable Reference is quickly powered up via
the output voltage. The LT1431 provides feedback via
optocoupler ISO1 to set the output voltage at 12V. The
LTC4440 High Voltage Gate Driver is used to level
shift the high side primary MOSFETs gate signals. The
LTC3722 provides precise control of gate signals to
primary MOSFETs and secondary MOSFETs via T3
and U1 (LTC3901). The LTC3901 includes a timer and
current sense to limit reverse inductor current.
For large values of input inductance, a 100V, 47uF
electrolytic capacitor can be added across the input
terminals to damp the input filter and provide ade-
quate stability.
See Linear Technology Application
Note AN19 for a discussion on input filter stability
analysis.
A recommended part is the Sanyo
100MV47AX.
QUICK START PROCEDURE
Demonstration circuit 607 is easy to set up to evaluate
the performance of the LTC3722, LTC4440, LTC3901,
and LT1431. Refer to Figure 1 for proper measurement
equipment setup and follow the procedure below:
NOTE. When measuring the input or output voltage ripple, care must be
taken to avoid a long ground lead on the oscilloscope probe. Measure the
output (or input) voltage ripple by touching the probe tip and probe ground
directly across the +Vout and –Vout (or +Vin and –Vin) terminals or in-
put/output capacitors. See Figure 2 for proper scope probe technique.
1.
Set an input power supply that is capable of 36V to
72V to a voltage of 36V. Then turn off the supply.
2.
With power off, connect the supply to the input ter-
minals +Vin and –Vin.
a.
Input voltages lower than 36V can keep the con-
verter from turning on due to the undervoltage
lockout feature of the LTC3722.
b.
If efficiency measurements are desired, an am-
meter capable of measuring 15Adc or a resistor
shunt can be put in series with the input supply
in order to measure the DC607A’s input current.
c.
A voltmeter with a capability of measuring at
least 72V can be placed across the input termi-
nals in order to get an accurate input voltage
measurement.
3.
Turn on the power at the input.
NOTE. Make sure that the input voltage never exceeds 72V.
4.
Check for the proper output voltage of 12V ± 1%.
Turn off the power at the input.
5.
Once the proper output voltage is established, con-
nect a variable load capable of sinking 35A at 12V to
the output terminals +Vout and –Vout. Set the cur-
rent for 0A.
a.
If efficiency measurements are desired, an am-
meter or a resistor shunt that is capable of han-
dling 35Adc can be put in series with the output
load in order to measure the DC607A’s output
current.
b.
A voltmeter with a capability of measuring at
least 12V can be placed across the output termi-
nals in order to get an accurate output voltage
measurement.
6.
Turn on the power at the input.
NOTE. If there is no output, temporarily disconnect the load to make
sure that the load is not set too high.
7.
Once the proper output voltage is again established,
adjust the load within the operating range and ob-
serve the output voltage regulation, ripple voltage,
efficiency and other desired parameters.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com