Electronic Components Datasheet Search
  English  ▼

X  

LTC4110 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4110
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1259A BATTERY BACKUP MANAGER BOARD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4110 Datasheet(HTML) 3 Page - Analog Devices

  LTC4110 Datasheet HTML 1Page - Analog Devices LTC4110 Datasheet HTML 2Page - Analog Devices LTC4110 Datasheet HTML 3Page - Analog Devices LTC4110 Datasheet HTML 4Page - Analog Devices LTC4110 Datasheet HTML 5Page - Analog Devices LTC4110 Datasheet HTML 6Page - Analog Devices LTC4110 Datasheet HTML 7Page - Analog Devices LTC4110 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1259A
BATTERY BACKUP MANAGER BOARD
3
QUICK START PROCEDURE
1. Connect a properly rated power source to
DCIN terminals J1 or terminals labeled DCIN
and GND.
2. Optionally connect a load to DCOUT and GND
terminals.
3. Configure the jumpers for your specific battery.
4. Plug in the battery.
Industry standard 5 Pin
AMP Smart Battery connector is provided as
well as generic soldering Test Points for hard-
wire connections.
5. Turn on the input power supply.
6. Optionally use the provided DC1223A-B dem-
onstration software to control and configure the
DC1259A.
OPTIONAL
DC1223A-B
SMBUS TO USB
ADAPTER
PROVIDES DATA
LOGGING AND
BATTERY
CONTROL
LOAD
+
-
BATTERY
12.6V
Li-ion
(Default)
-
+
POWER
SUPPLY
12V ±5%
+
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com