Electronic Components Datasheet Search
  English  ▼

X  

LTM8045EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8045EY
Description  Inverting/SEPIC μModule Converter with Up to 700mA Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045EY Datasheet(HTML) 1 Page - Analog Devices

  LTM8045EY Datasheet HTML 1Page - Analog Devices LTM8045EY Datasheet HTML 2Page - Analog Devices LTM8045EY Datasheet HTML 3Page - Analog Devices LTM8045EY Datasheet HTML 4Page - Analog Devices LTM8045EY Datasheet HTML 5Page - Analog Devices LTM8045EY Datasheet HTML 6Page - Analog Devices LTM8045EY Datasheet HTML 7Page - Analog Devices LTM8045EY Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1533af
DEMO MANUAL DC1533A
DESCRIPTION
LTM8045
Inverting/SEPIC µModule Converter
with Up to 700mA Output
Demo circuit DC1533A features the LTM®8045, an inverting/
SEPIC μModule converter delivering up to 700mA of output
current. DC1533A is configured as an inverting converter,
but can be easily changed to a SEPIC configuration for
non-inverting step-up or step-down functionality. The
user adjustable features of the LTM8045 such as output
voltage, switching frequency, soft-start period and under-
voltage lockout can be changed on DC1533A simply by
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
BOARD PHOTO
modifying or installing the appropriate resistors or capaci-
tor. The LTM8045 data sheet must be read in conjunction
with this demo manual to properly use or modify demo
circuit DC1533A.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage, VIN
2.8
V
Maximum Input Voltage, VIN
18
V
Regulator Output Voltage, VOUT–
R2 = 60.4k
–4.83
–5.19
V
Maximum Output Current, IOUT–
VIN = 5V
VIN = 12V
430
580
mA
mA
Efficiency
VIN = 5V, IOUT– = 400mA
80
%
Switching Frequency
R1 = 130k
700
kHz


Similar Part No. - LTM8045EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8045 LINEAR_DIMENSIONS-LTM8045 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Integrated Syste...
LTM8045 LINEAR-LTM8045 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8045 LINER-LTM8045 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM8045EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Analog Devices
DC3230A AD-DC3230A Datasheet
1Mb / 12P
Bidirectional Dual-Phase Single Output ±32A Inverting μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com