Electronic Components Datasheet Search
  English  ▼

X  

AI-000443. Datasheet(PDF) 1 Page - Mueller Electric.

Part # AI-000443.
Description  Plastic Painting Grounding Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUELLER [Mueller Electric.]
Direct Link  www.muellerelectric.com
Logo MUELLER - Mueller Electric.

AI-000443. Datasheet(HTML) 1 Page - Mueller Electric.

  AI-000443. Datasheet HTML 1Page - Mueller Electric.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
AI-000443
(Plastic Painting Grounding Cable)
The AI-000443 was specifically designed as an industrial grounding cable for
painting plastic components. It has an aggressive jaw on one clip for a rock
solid fixture connection and a smooth jaw on the other clip to prevent
damage to the part.
Constructed with Φ 3/64” (1.2mm) 304 stainless steel wire rope.
Fixture clip is a BU-27. It has a maximum jaw opening of .63” (16mm)
Part clip is a BU-118. The flat nose jaws are parallel with each other at a
distance of .11” (2.8mm) and it has a maximum jaw opening of .3” (7.6mm)
Length: The wire length is 18” (46cm). Other lengths can be
accommodated.
RoHS Compliant


Similar Part No. - AI-000443.

ManufacturerPart #DatasheetDescription
logo
Mueller Electric.
AI-000441 MUELLER-AI-000441 Datasheet
181Kb / 1P
Plastic Grounding Cable
Revision B 3/2/17
AI-000441. MUELLER-AI-000441. Datasheet
181Kb / 1P
Plastic Grounding Cable
Revision B 3/2/17
AI-000448-18 MUELLER-AI-000448-18 Datasheet
189Kb / 1P
Heavy Duty Painting Grounding Cable)
AI-000448-18. MUELLER-AI-000448-18. Datasheet
189Kb / 1P
Heavy Duty Painting Grounding Cable)
AI-000448-36 MUELLER-AI-000448-36 Datasheet
189Kb / 1P
Heavy Duty Painting Grounding Cable)
More results

Similar Description - AI-000443.

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDK-3943A WINCHESTER-SDK-3943A Datasheet
601Kb / 2P
GROUNDING JACK
logo
List of Unclassifed Man...
BU-58 ETC2-BU-58 Datasheet
517Kb / 1P
Grounding Clamp
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK004-C09 ROSENBERGER-SLGK004-C09 Datasheet
150Kb / 2P
Grounding kits for different series cable
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com