Electronic Components Datasheet Search
  English  ▼

X  

SD56150 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD56150
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56150 Datasheet(HTML) 7 Page - STMicroelectronics

  SD56150 Datasheet HTML 1Page - STMicroelectronics SD56150 Datasheet HTML 2Page - STMicroelectronics SD56150 Datasheet HTML 3Page - STMicroelectronics SD56150 Datasheet HTML 4Page - STMicroelectronics SD56150 Datasheet HTML 5Page - STMicroelectronics SD56150 Datasheet HTML 6Page - STMicroelectronics SD56150 Datasheet HTML 7Page - STMicroelectronics SD56150 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
SD56150
Controlling dimension: Inches
1022783C
M252 (.400 x .860 4L BAL N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
8.13
8.64
.320
.340
B
10.80
.425
C
3.00
3.30
.118
.130
D
9.65
9.91
.380
.390
E
2.16
2.92
.085
.115
F
21.97
22.23
.865
.875
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
.004
.006
J
1.52
1.78
.060
.070
K
2.36
2.74
.093
.108
L
4.57
5.33
.180
.210
M
9.96
10.34
.392
.407
N
21.64
22.05
.852
.868
DIM.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com