Electronic Components Datasheet Search
  English  ▼

X  

S-521 Datasheet(PDF) 1 Page - Norgren Ltd

Part # S-521
Description  Heavy Duty Non-Return Valves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

S-521 Datasheet(HTML) 1 Page - Norgren Ltd

  S-521 Datasheet HTML 1Page - Norgren Ltd S-521 Datasheet HTML 2Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N/en 5.10.001.01
1/08
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
Heavy Duty Non-Return Valves
S/520, C/520 Series
In-Line, Non-Return Valves
G 1/8 to G 1 or 1/8 to 1 NPT
Technical data
Medium:
Compressed air, filtered, lubricated
and non-lubricated
Operation:
Non-return valve
Mounting:
Line mounted
Port sizes:
G 1/8
S/520
1/8 NPT C/520
G 1/4
S/521
1/4 NPT C/521
G 3/8
S/532
3/8 NPT C/532
G 1/2
S/522
1/2 NPT C/522
G 3/4
S/523
3/4 NPT C/523
G 1
S/524
1 NPT
C/524
Operating pressure:
0,3 - 16 bar
Operating temperature:
-20°C to +80°C
*Consult our Technical Service for use below +2˚C
For high temperature applications (150˚C Max) TS, TC/520
Series version should be ordered
Materials:
Brass body, nitrile rubber seals, aluminium valve
Note: FKM Seals for high temperature version
®
®
Ordering information
To order, quote model number from table
overleaf, e.g. S/521 for the G 1/4 model
Alternative Models
T50 Series In-line push-in non-return valves,
see page 5.10.002
T55 and 56 Series In-line threaded Aluminium
non-return, see page 5.10.007
2
1
Permit free flow of air in one direction only
Simple, reliable design
High operating pressure


Similar Part No. - S-521

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
S-520 NORGREN-S-520 Datasheet
31Kb / 2P
Heavy Duty Non-Return Valves
More results

Similar Description - S-521

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
1250 ENERGIZER-1250 Datasheet
147Kb / 2P
SUPER HEAVY DUTY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com