Electronic Components Datasheet Search
  English  ▼

X  

RLS245 Datasheet(PDF) 2 Page - Rohm

Part # RLS245
Description  Leadless high voltage switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLS245 Datasheet(HTML) 2 Page - Rohm

  RLS245 Datasheet HTML 1Page - Rohm RLS245 Datasheet HTML 2Page - Rohm RLS245 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RLS245
Diodes
Rev.A
2/2
Electrical characteristic curves (Ta=25
°C)
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
1
10
100
1000
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=175℃
0.1
1
10
100
1000
10000
100000
1000000
10000000
0
50
100
150
200
250
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=175℃
0.1
1
10
01
2345
f=1MHz
1.1
1.11
1.12
1.13
1.14
1.15
1.16
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
0
5
10
15
20
8.3ms
Ifsm
1cyc
AVE:4.60A
0
5
10
15
20
25
30
35
40
45
50
Ta=25℃
IF=IR=20mA
RL=50Ω
n=10pcs
AVE:31.3ns
0
1
2
3
4
5
110
100
8.3ms
Ifsm
1cyc
8.3ms
1
10
100
0.1
1
10
100
t(ms)
t
Ifsm
10
100
1000
0.001
0.1
10
1000
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
Rth(j-c)
Rth(j-l)
Rth(j-a)
0
1
2
3
4
5
6
7
8
9
10
AVE:2.15kV
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:6.43kV
AVE:1.121V
Ta=25℃
IF=200mA
n=30pcs
Ta=25℃
VR=220V
n=30pcs
AVE:48.03nA
AVE:0.942pF
Ta=25℃
VR=0V
f=1MHz
n=10pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com