Electronic Components Datasheet Search
  English  ▼

X  

C01250628 Datasheet(PDF) 1 Page - Norgren Ltd

Part # C01250628
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250628 Datasheet(HTML) 1 Page - Norgren Ltd

  C01250628 Datasheet HTML 1Page - Norgren Ltd C01250628 Datasheet HTML 2Page - Norgren Ltd C01250628 Datasheet HTML 3Page - Norgren Ltd C01250628 Datasheet HTML 4Page - Norgren Ltd C01250628 Datasheet HTML 5Page - Norgren Ltd C01250628 Datasheet HTML 6Page - Norgren Ltd C01250628 Datasheet HTML 7Page - Norgren Ltd C01250628 Datasheet HTML 8Page - Norgren Ltd C01250628 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
02/04
N/UK 9.1.001.01
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
Pneufit C & Pneufit M
metric
Ø 3 ... 16 mm O/D tube
Norgren Pneufit® C fittings are ready to use, offering
fast assembly with no need for tools providing
optimum flow.
Pneufit® C offers a broad range of over 1,000
composite push-in pneumatic fittings to complement
our established all brass Pneufit® series.
Releasable stainless-steel grab-ring to grip nylon or
polyurethane tube (85 or 95 durometer).
Nickel plated brass components provide corrosion
and contamination resistance and an extended life.
Pre applied thread sealant on all taper threads and
recessed captive O-ring on parallel threads provides
optimum rapid sealing.
Internal and external hexagons on straight fittings.
Immediate quality sealing using silicone free U-
packing.
Mounting holes on all union fittings.
Also introducing Miniature Pneufit® M an ultra
compact alternative where space is at a premium.
Ordering Examples
Information 2
Technical data
Operating pressure:
750mm Hg vacuum, up to 10 bar
Temperature:
0 to 60°C
Medium:
compressed air
Tube sizes
Standard sizes:
4, 6, 8, 10, 12, 16 mm
Miniature sizes:
3, 4, and 6 mm
Thread sizes
Standard sizes:
M5, M6, 1/8, 1/4, 3/8 and 1/2 inch
ISO G and ISO R
Miniature sizes:
M3, M5 and 1/8 inch ISO R
Tube types
Nylon 11 or 12
Polyurethane 85, 95 or 98 durometer
Materials
Body: PBT
Seals: NBR (silicone free) u-packing and O-rings
Threaded bodies: nickel plated brass
Release sleeve and backing ring: POM
Grab-ring: stainless steel
Collar: nickel plated brass
Thread sealant: threebond 2350B


Similar Part No. - C01250628

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results

Similar Description - C01250628

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD795-23-9 VITESSE-SD795-23-9 Datasheet
60Kb / 1P
PLUG, C, M
logo
Winchester Electronics ...
SD795-23-9 WINCHESTER-SD795-23-9 Datasheet
60Kb / 1P
PLUG, C, M
logo
HARTING Technology Grou...
09-12-004-3006 HARTING-09-12-004-3006 Datasheet
462Kb / 2P
Han 4Brid-M-c 2LWL-M-HCS-Halt.-c (K)
09-12-004-3003 HARTING-09-12-004-3003 Datasheet
462Kb / 2P
Han 4Brid-M-c 2LWL-M-POF-Halt.-c (K)
09-12-004-2606 HARTING-09-12-004-2606 Datasheet
463Kb / 2P
Han 4Brid-M-c 2LWL-M-HCS-c (K)
09-16-055-2001 HARTING-09-16-055-2001 Datasheet
480Kb / 2P
Han 55DDD M-c
2021-10-01
09-16-075-2001 HARTING-09-16-075-2001 Datasheet
483Kb / 2P
Han 75DDD M-c
2021-10-01
09-16-107-2001 HARTING-09-16-107-2001 Datasheet
488Kb / 2P
Han 107DDD M-c
2021-10-01
logo
Norgren Ltd
10125 NORGREN-10125 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com