Electronic Components Datasheet Search
  English  ▼

X  

RSS050P03 Datasheet(PDF) 2 Page - Rohm

Part # RSS050P03
Description  4V Drive Pch MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS050P03 Datasheet(HTML) 2 Page - Rohm

  RSS050P03 Datasheet HTML 1Page - Rohm RSS050P03 Datasheet HTML 2Page - Rohm RSS050P03 Datasheet HTML 3Page - Rohm RSS050P03 Datasheet HTML 4Page - Rohm RSS050P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSS050P03
Transistors
Rev.B
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
−−
±10
µAVGS= −20V, VDS=0V
VDD
−15V
−30
−−
VID
= −1mA, VGS=0V
−−
−1
µAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS
= −10V, ID= −1mA
−
30
42
ID
= −5.0A, VGS= −10V
−
47
65
m
Ω
m
Ω
m
Ω
ID
= −2.5A, VGS= −4.5V
−
55
77
ID
= −2.5A, VGS= −4.0V
5.0
−−
SVDS
= −10V, ID= −2.5A
−
1200
−
pF
VDS
= −10V
−
250
180
−
pF
VGS
=0V
−
12
−
pF
f
=1MHz
−
25
−
ns
−
70
−
ns
−
35
−
ns
−
13
−
ns
−
2.8
−
nC
−
5.0
−
nC
VGS
= −5V
−−
nC
ID
= −5.0A
VDD
−15V
ID
= −2.5A
VGS
= −10V
RL
=6Ω
RG
=10Ω
∗Pulsed
∗
∗
∗
∗
∗
∗
∗
∗
∗
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
−1.2
V
Forward voltage
IS
= −1.6A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com