Electronic Components Datasheet Search
  English  ▼

X  

CHA3091A Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3091A
Description  DC-40GHz ATTENUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3091A Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3091A Datasheet HTML 1Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 2Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 3Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 4Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 5Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 6Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 7Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHT3091a
Attenuator
Ref. : DSCHT3091a6354 - 20 Dec 06
2/8
Specifications subject to change without notice
Electrical Characteristics (1)
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
DC
40
GHz
Min Att.
Minimum attenuation |S21| (VS=0V;VP=-5V)
DC-10GHz
DC-20GHz
DC-40GHz
2.2
3
3.5
4
dB
dB
dB
Max Att.
Maximum attenuation |S21| (VS=-5V;VP=0V)
DC-10GHz
DC-20GHz
DC-40GHz
23
21
17
15
dB
dB
dB
VSWRin
Input VSWR (any attenuation)
2:1
VSWRout Output VSWR (any attenuation)
2:1
Pin1dB
Input 1dB compression point.(any attenuation)
15
dBm
(1) These values are representative of on-wafer measurements that are made without
bonding wires at the RF ports.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
VP
VP control voltage
-6V
V
VS
VS control voltage
-6V
V
Pin
RF input power
20
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com