Electronic Components Datasheet Search
  English  ▼

X  

RTQ025P02 Datasheet(PDF) 1 Page - Rohm

Part # RTQ025P02
Description  2.5V Drive Pch MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ025P02 Datasheet(HTML) 1 Page - Rohm

  RTQ025P02 Datasheet HTML 1Page - Rohm RTQ025P02 Datasheet HTML 2Page - Rohm RTQ025P02 Datasheet HTML 3Page - Rohm RTQ025P02 Datasheet HTML 4Page - Rohm RTQ025P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RTQ025P02
Transistor
Rev.A
1/4
2.5V Drive Pch MOS FET
RTQ025P02
Structure
Silicon P-channel MOSFET
Features
1) Low On-resistance.(140m
Ω at 2.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive.(2.5V)
Applications
DC-DC converter
External dimensions (Unit : mm)
Each lead has same dimensions
TSMT6
0.4
(1)
(5)
(3)
(6)
(2)
(4)
1pin mark
1.9
2.9
0.95
0.95
0~0.1
0.16
0.85
1.0MAX
0.7
Abbreviated symbol : TQ
Packaging specifications
Taping
RTQ025P02
Type
TR
3000
Package
Basic ordering unit
(pieces)
Code
Equivalent circuit
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(6)
(1)
(5)
(2)
(4)
(3)
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
A
A
W
°C
A
A
°C
VDSS
VGSS
IS
PD
Tch
ID
ISP
IDP
Tstg
Symbol
−20
±12
−1
−4
1.25
150
−55 to +150
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Drain
−source voltage
Gate
−source voltage
Drain current
Source current
(Body diode)
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1
∗1
∗2
±2.5
±10
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
100
∗


Similar Part No. - RTQ025P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ025P02 ROHM-RTQ025P02 Datasheet
94Kb / 5P
DC-DC Converter (-20V, -2.5A)
logo
VBsemi Electronics Co.,...
RTQ025P02 VBSEMI-RTQ025P02 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Rohm
RTQ025P02FRA ROHM-RTQ025P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTQ025P02HZG ROHM-RTQ025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
More results

Similar Description - RTQ025P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTM002P02 ROHM-RTM002P02 Datasheet
78Kb / 3P
2.5V Drive Pch MOS FET
RTE002P02 ROHM-RTE002P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
2.5V Drive PchSBD MOS FET
RTF011P02 ROHM-RTF011P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
2.5V Drive PchSBD MOS FET
RTM002P02T2L ROHM-RTM002P02T2L Datasheet
82Kb / 3P
2.5V Drive Pch MOS FET
RTR025P02TL ROHM-RTR025P02TL Datasheet
90Kb / 5P
2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
2.5V Drive Pch MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
2.5V Drive Pch SBD MOS FET
RTR025P02FRA ROHM-RTR025P02FRA Datasheet
1Mb / 7P
2.5V Drive Pch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com