Electronic Components Datasheet Search
  English  ▼

X  

SCS304AM Datasheet(PDF) 2 Page - Rohm

Part # SCS304AM
Description  SiC Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS304AM Datasheet(HTML) 2 Page - Rohm

  SCS304AM_V01 Datasheet HTML 1Page - Rohm SCS304AM_V01 Datasheet HTML 2Page - Rohm SCS304AM_V01 Datasheet HTML 3Page - Rohm SCS304AM_V01 Datasheet HTML 4Page - Rohm SCS304AM_V01 Datasheet HTML 5Page - Rohm SCS304AM_V01 Datasheet HTML 6Page - Rohm SCS304AM_V01 Datasheet HTML 7Page - Rohm SCS304AM_V01 Datasheet HTML 8Page - Rohm SCS304AM_V01 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SCS304AM
mJ
VR=650V,f=1MHz
-
18
-
ns
IF=4A,Tvj=150°C
-
1.44
5.7
K/W
lThermal characteristics
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Thermal resistance
RthJC
-
-
4.9
QC
200
mA
VR=650V,Tvj=25°C
V
0.012
1.50
IF=4A,Tvj=175°C
VR=650V,Tvj=175°C
V
20
-
-
-
1.35
-
-
mA
0.8
80
mA
-
2.4
650
lElectrical characteristics (T
vj=25°C unless otherwise specified)
Unit
Max.
Min.
Values
-
-
1.50
V
1.71
V
-
-
-
VDC
IR =20mA
Parameter
Conditions
DC blocking voltage
Forward voltage
Typ.
IF=4A,Tvj=25°C
pF
Symbol
VF
lTypical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
Reverse current
Total capacitance
Total capacitive charge
14
nC
Non-repetetive
Avaranche Energy
Eava
-
48
-
L=1mH
Switching time
tC
VR=400V,di/dt=350A/ms
-
IR
C
Ws/K
Rth2
2.26E+00
Cth2
1.13E-03
Rth3
2.14E+00
Cth3
2.85E-01
Rth1
4.95E-01
K/W
Cth1
2.20E-04
VR=650V,Tvj=150°C
VR=1V,f=1MHz
VR=400V,di/dt=350A/ms
-
11
-
-
pF
PD
T
j
T
c
T
a
R
th,n
R
th1
C
th1
C
th2
C
th,n
www.rohm.com
©2023 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
2/7
TSQ50232-SCS304AM
15.Dec.2023 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com