Electronic Components Datasheet Search
  English  ▼

X  

SCS304AM Datasheet(PDF) 3 Page - Rohm

Part # SCS304AM
Description  SiC Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS304AM Datasheet(HTML) 3 Page - Rohm

  SCS304AM Datasheet HTML 1Page - Rohm SCS304AM Datasheet HTML 2Page - Rohm SCS304AM Datasheet HTML 3Page - Rohm SCS304AM Datasheet HTML 4Page - Rohm SCS304AM Datasheet HTML 5Page - Rohm SCS304AM Datasheet HTML 6Page - Rohm SCS304AM Datasheet HTML 7Page - Rohm SCS304AM Datasheet HTML 8Page - Rohm SCS304AM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SCS304AM
lElectrical characteristic curves
 
Fig.3 V
R - IR Characteristics
0.001
0.01
0.1
1
10
0
200
400
600
T
vj=125ºC
T
vj=175ºC
T
vj=75ºC
T
vj=25ºC
T
vj= -25ºC
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
Pulsed
T
vj=125ºC
T
vj=175ºC
T
vj=75ºC
T
vj=25ºC
T
vj= -25ºC
0
2
4
6
8
10
12
14
0.0
0.5
1.0
1.5
2.0
2.5
Pulsed
T
vj=125ºC
T
vj=175ºC
T
vj=75ºC
T
vj=25ºC
T
vj= -25ºC
1
10
100
1,000
0.01
0.1
1
10
100
1000
T
vj=25ºC
f=1MHz
Fig.1 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Fig.2 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Reverse Voltage : V
R
[V]
Fig.4 V
R-Ct Characteristics
Reverse Voltage : V
R
[V]
www.rohm.com
©2023 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
3/7
TSQ50232-SCS304AM
15.Dec.2023 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com