Electronic Components Datasheet Search
  English  ▼

X  

SCS308AM Datasheet(PDF) 1 Page - Rohm

Part # SCS308AM
Description  SiC Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS308AM Datasheet(HTML) 1 Page - Rohm

  SCS308AM Datasheet HTML 1Page - Rohm SCS308AM Datasheet HTML 2Page - Rohm SCS308AM Datasheet HTML 3Page - Rohm SCS308AM Datasheet HTML 4Page - Rohm SCS308AM Datasheet HTML 5Page - Rohm SCS308AM Datasheet HTML 6Page - Rohm SCS308AM Datasheet HTML 7Page - Rohm SCS308AM Datasheet HTML 8Page - Rohm SCS308AM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCS308AM
SiC Schottky Barrier Diode
1 ≦
≦ 10ms, Tvj=25°C
1 ≦
≦ 10ms, Tvj=150°C
*1 Limited by maximum Tvj and for Max. RthJC. *2 Tc=100°C, Tvj=150°C, Duty cycle=10% *3 Tc=25°C
3) High-speed switching possible
lOutline
lInner circuit
lPackaging specifications
TO-220FM-2LGE
2) Reduced temperature dependence
4) High surge current capability
650V
8A
VR
IF
QC
lFeatures
21nC
1) Shorter recovery time
A
W
Symbol
・PV Power Conditioners
lApplications
・Data Center
・PFC Boost Topology
・Secondary Side Rectification
Parameter
V
V
A
A
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C7G
SCS308AM
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Packing code
lAbsolute maximum ratings (T
vj=25°C unless otherwise specified)
Unit
Value
Repetitive peak forward current
Total power disspation
VR
IF
IFSM
IFRM
PD
650
650
8
27
33
67
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
(Tc= 105°C)
PW=10ms sinusoidal, Tvj=25°C
PW=10
ms square, T
vj=25°C
Tvj
57
Range of storage temperature
Tstg
i
2t value
∫i2dt
PW
PW
Virtual Junction temperature
A
PW=10ms sinusoidal, Tvj=150°C
16
-55 to +175
250
°C
175
A
2s
A
2s
°C
22
Surge non-
repetitive forward
current
(1) Cathode
(2) Anode
*2
*3
*1
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
1/7
TSQ50232-SCS308AM
9.May.2024 - Rev.001
Datasheet


Similar Part No. - SCS308AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS308AM ROHM-SCS308AM Datasheet
964Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS308AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com