Electronic Components Datasheet Search
  English  ▼

X  

CDPP8RG-S Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CDPP8RG-S
Description  8-Port DIN Rail Mount Copper Patching Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CDPP8RG-S Datasheet(HTML) 1 Page - PANDUIT CORP.

  CDPP8RG-S Datasheet HTML 1Page - PANDUIT CORP. CDPP8RG-S Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IndustrialNet™ 8-Port DIN Rail Mount
Copper Patching Solution
IndustrialNet™ 8-port DIN Rail Mount Patching
Solutions conserve precious real estate by
consolidating all patching onto the DIN rails of
a zone enclosure or control panel, and are
designed to “port map” to Industrial Ethernet
modular mini-switches. These products can be
deployed as flexible, reconfigurable and high
performance structured cabling elements in
traditional hierarchical star, fiber to the
enclosure (zone) or device level ring Industrial
Ethernet architectures.
These structured cabling solutions are
important as Ethernet reaches further into the
industrial automation network, enabling
traditional IT departments to manage change
in the industrial network through the use of
familiar patching facilities and structured
cabling models. The use of Panduit
IndustrialNet™ Modular Patching allows
customers to easily deploy copper
connectivity in the same modular DIN
footprint in such applications.
SPECIFIC A TION SHEET
8-port DIN rail mount copper
patch panel
8-port DIN panel:
CDPP8RG
8-port shielded
DIN panel:
CDPP8RG-S
Mini-Com® Copper Jack Modules
Category 6A,
unshielded:
CJ6X88TG**
Category 6A,
shielded:
CJS6X88TGY
Category 6,
unshielded:
CJ688TG**
Category 6,
shielded:
CJS688TGY
Category 5e,
unshielded:
CJ5E88TG**
Category 5e,
shielded:
CJS5E88TGY
Mini-Com® Blank Modules
Blank modules:
CMBIG-X
IndustrialNet™ Network Zone System
Pre-configured large
(3-DIN rail) zone
enclosure:
Z23C-S
Pre-configured medium
(2-DIN rail) zone
enclosure:
Z22C-S
**IW (Off White), WH (White), AW (Arctic White),
EI (Electric Ivory), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
IG (International Gray), OR (Orange), VL (Violet).
See www.panduit.com for the complete selection.
For complete copper patch cord offering,
visit www.panduit.com.
www.panduit.com/ia
specifications
8-port DIN rail mount copper patch panel shall be made of high impact
polycarbonate material and shall mount to a standard 35mm DIN rail.
Product shall have a removable faceplate that includes four label
pockets, labels and covers for port identification. The product shall
include adjustable latches to lock it in place when mounted on the DIN
rail. Latch design shall also allow product to mount on a flat surface
for vertical bulkhead mounting. 8-port DIN rail mount patch panel shall
accept any Mini-Com® Module that occupies a single space. The panel
shall be suitable for use in shielded or unshielded applications.
technical information
Standards:
Normal International Standard CEI IEC 60715; DIN EN 60715; DIN
EN 50022; DIN 46277-3; BS 5584:1978; IEC 60068 Environmental
Testing; cULus Listed to UL1863
Material:
UL94V-0, Impact-resistant polycarbonate
RoHS compliance:
Compliant
Mounting options:
Mounts to a standard 35mm DIN rail; can also mount to other
surfaces using mounting holes in latches
Packaging:
Copper patch panel includes 6-32" x 3/8" Phillips head screws to
mount faceplate to patch panel and 4 labels and label covers.
Temperature:
Temperature range of -10°C to 60°C (14°F – 140°F) complies
to UL 508 A Control Panel standard and operating range of the
ethernet switches
Shielded applications: For use in unshielded applications, use DIN panel CDPP8RG.
For use in shielded applications, use DIN panel CDPP8RG-S.
key features and benefits
DIN rail mount
Employs dual purpose, snap-in mounting latches which have an
audible click to indicate the latch is in the correct position. The
latches serve to hold the unit on the DIN rail while allowing it to slide
side to side. Latches also serve as wall mounting brackets via an
external mounting hole in the latch.
Modular
Accepts up to eight single Mini-Com® Copper and A/V Modules.
Patching
Easy and logical port mapping to common Ethernet mini-switch
ports enables convenient MACs (Moves, Adds and Changes)
in industrial telecommunications zone enclosure or control
panel applications. IndustrialNet™ 8-port DIN Rail Mount
Patching Solutions provides a testable permanent link for link
commissioning and troubleshooting, and provides flexibility and
scalability for future growth.
Identification
DIN rail mount patching solutions include label pockets, labels,
and transparent label covers for clear identification; complies with
ANSI/EIA/TIA-606-B labeling requirements.
applications


Similar Part No. - CDPP8RG-S

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
CDPP8RG PANDUIT-CDPP8RG Datasheet
876Kb / 2P
IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
1/2019
CDPP8RG PANDUIT-CDPP8RG Datasheet
435Kb / 2P
IndustrialNet™ Category 6A RJ45 Field Terminable Plug
10//2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
422Kb / 2P
IndustrialNet™ M12 X-Code Field Terminable Plug
5/2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
381Kb / 2P
IndustrialNet Category 6A 600V Patch Cords
8/2018
More results

Similar Description - CDPP8RG-S

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
DIN rail mount
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
FDME8RG PANDUIT-FDME8RG Datasheet
260Kb / 1P
8-PORT INDUSTRIALNET DIN RAIL MOUNT FIBER ENCLOSURE
01-17-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com