Electronic Components Datasheet Search
  English  ▼

X  

BYT03-400RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYT03-400RL
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT03-400RL Datasheet(HTML) 2 Page - STMicroelectronics

  BYT03-400RL Datasheet HTML 1Page - STMicroelectronics BYT03-400RL Datasheet HTML 2Page - STMicroelectronics BYT03-400RL Datasheet HTML 3Page - STMicroelectronics BYT03-400RL Datasheet HTML 4Page - STMicroelectronics BYT03-400RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYT03-400
2/5
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient*
20
°C/W
* On infinite heatsink with 10mm lead length.
THERMAL PARAMETERS
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage current
Tj = 25°C
VR =VRRM
20
µA
Tj = 100°C
0.2
0.5
mA
VF**
Forward voltage drop
Tj =25
°CIF =3A
1.5
V
Tj = 100°C
1.0
1.4
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
Tj =25
°CIF = 0.5A IR =1A
Irr = 0.25A
16
25
ns
IF =1A
dIF/dt = - 15A/
µs
VR = 30V
55
tfr
Forward recovery
time
Tj =25
°CIF =3A dIF/dt = 50A/µs
VFR=1.1xVFmax
75
ns
VFP
Forward recovery
voltage
Tj =25
°CIF =3A dIF/dt = 50A/µs
7.0
V
DYNAMIC ELECTRICAL CHARACTERISTICS
Pulse test: * tp = 5ms,
δ <2%
** tp = 380µs,
δ <2%
To evaluate the maximum conduction losses use the following equation:
P=1.1xIF(AV) + 0.08 IF
2
(RMS)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com