Electronic Components Datasheet Search
  English  ▼

X  

MDC-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MDC-C
Description  Mini-Jack ™TX5e™ UTP Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MDC-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  MDC-C Datasheet HTML 1Page - PANDUIT CORP. MDC-C Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
SPECIFICATION SHEET
Category 5e/Class D channel
Exceeds channel requirements of ANSI/TIA-568-C.2 Category 5e
and component performance:
and ISO 11801 Class D standards at swept frequencies
1 to 100 MHz
Exceeds component requirements of ANSI/TIA-568-C.2 Category
5e and ISO 11801 Class D standards at swept frequencies
1 to 100 MHz
FCC and ANSI compliance:
Meets all applicable ANSI/TIA-968-A requirements; contacts plated
with 50 microinches of gold for superior performance
PoE compliance:
Meets requirements of IEEE 802.3af and IEEE 802.3at for
PoE applications
IEC compliance:
Meets IEC 60603-7
RoHS compliance:
Compliant
UL rated:
UL 1863 approved
Conductor termination range:
Wire cap compatible with 24 – 22 AWG solid cable with conductor
insulation diameters of 0.035 in. to 0.048 in. and overall cable O.D.
0200 in. to 0.250 in.
technical information
www.panduit.com
applications
specifications
Category 5e/Class D, 8-position, UTP jack module shall
terminate solid, 4-pair, 24 – 22 AWG, 100 ohm unshielded
twisted pair cable and shall not require use of a punchdown
tool. UTP jack modules shall use a downward forward motion
termination method to optimize performance by maintaining
cable pair geometry while eliminating conductor untwist. The
module base sled shall be color-coded orange to designate
Category 5e performance and shall include a universal label
coded for T568A and T568B wiring schemes.
Mini-Com® TX5e™ UTP Jack Modules are a
component of the TX5500™ UTP Copper Cabling
System. This end-to-end system provides Gigabit
Ethernet performance with usable bandwidth beyond
100 MHz. With certified performance to the
ANSI/TIA-568-C.2 Category 5e and ISO 11801
Class D Edition 2.1 standards, this system will
support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast
Ethernet), 1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM
• Token ring 4/16
• Voice/data systems
• Voice over Internet Protocol (VoIP)
Mini-Com ® Mini-Jack ™ TX5e™ UTP Jack Module
key features and benefits
Clear termination cap
Enables easy troubleshooting and eases conductor alignment
during termination
Modular
UTP jack modules snap in and out of all Mini-Com® Faceplates,
Modular Patch Panels and Surface Mount Boxes for easy moves,
adds and changes
True strain relief
Controls cable bend radius for long term installed performance
RJ45 interface
Industry standard interface provides a quick and easy plug and
play connection to RJ45 patch cords; backwards compatible
Identification
Can be clearly identified with optional labels and icons for
port identification
Termination tools (optional)
CJT-X termination tool ensures conductors are fully terminated
by utilizing a smooth forward motion without impact on critical
internal components for maximum reliability
Block out device (optional)
Provides a simple and secure method to control access to data
ports while not in use
TX5500 ™ UTP Copper
Cabling System
Mini-Com ® TX5e™
UTP Jack Module
Jack module:
CJ588IWY*
TX5500 ™ UTP Copper Cable
Plenum:
PUP5504***
Riser:
PUR5504***
LSZH:
PUL5504***
CM:
PUC5504***
TX5e™ UTP Patch Cords
CM (foot lengths):
UTPCH^Y
CM (meter lengths): UTPCH^^MY
LSZH
(meter lengths):
UTPCHL^^MY
Mini-Com ® Angled
Modular Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com ® Flat Modular
Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular and punchdown patch
panels, visit www.panduit.com.
Tools and Accessories
Jack module
termination tool:
CJT-X
Wire snipping tool:
CWST
Wire snipping tool:
CJAST
Clear dust cap:
MDC-C
Block out device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
*To designate color other than IW (Off White),
replace IW suffix with EI (Electric Ivory),
IG (International Gray), WH (White),
AW (Arctic White), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
OR (Orange), or VL (Violet).
**To designate color, add suffix BU (Blue)
or WH (White). For additional cable colors,
contact customer service.
^For lengths 1 to 20 feet (one foot increments)
and 25, 30, 35, 40 feet, change the length
designation in the part number to the desired
length. For standard cable colors other than
Off White, add suffix BL (Black), BU (Blue), RD
(Red), YL (Yellow), GR (Green), OR (Orange)
or VL (Violet). For example, the part number
for a blue 15-foot patch cord is UTPSP15BUY.
^^For lengths 1 to 10 meters (one meter
increments) and 0.5, 1.5, 2.5, 15, 20, meters,
change the length designation in the part
number to the desired length. For standard
cable colors other than Off White, add suffix
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange) or VL (Violet). For
example, the part number for a blue 15-meter
patch cord is UTPSP15MBUY.
^^^To designate color other than Red, add
suffix BL (Black), BU (Blue), YL (Yellow), GR
(Green), OR (Orange), IW (Off White) or IG
(International Gray) at end of the part number.
10/package.
+To designate color other than IW (Off White),
replace IW with EI (Electric Ivory), IG
(International Gray), BL (Black), BU (Blue), RD
(Red), YL (Yellow), GR (Green), OR (Orange)
or VL (Violet) in the part number. 100/package.
Contact customer service for bulk packaged
jack modules and patch cords.


Similar Part No. - MDC-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MDC-C PANDUIT-MDC-C Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
MDC-C PANDUIT-MDC-C Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
MDC-C PANDUIT-MDC-C Datasheet
170Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
05/2016
MDC-C PANDUIT-MDC-C Datasheet
127Kb / 2P
Mini-Com TX6 PLUS UTP Jack Module
11/2010
MDC-C PANDUIT-MDC-C Datasheet
349Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
02/2016
More results

Similar Description - MDC-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Adam Technologies, Inc.
MDV-00X-M ADAM-TECH-MDV-00X-M Datasheet
68Kb / 1P
MINI DIN JACK
logo
Rosenberger Hochfrequen...
18K101-K00L5 ROSENBERGER-18K101-K00L5 Datasheet
38Kb / 2P
ADAPTOR Mini SMP JACK - JACK
18K104-K00L5 ROSENBERGER-18K104-K00L5 Datasheet
55Kb / 2P
ADAPTOR Mini SMP JACK - JACK
logo
PANDUIT CORP.
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com