Electronic Components Datasheet Search
  English  ▼

X  

MDC-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MDC-C
Description  Mini-Com® TX6™ PLUS UTP Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MDC-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  MDC-C Datasheet HTML 1Page - PANDUIT CORP. MDC-C Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Category 6/Class E, 8-position, UTP jack module shall terminate 4-pair, 22 – 26 AWG,
100 ohm unshielded twisted pair cable and shall not require use of a punchdown tool.
UTP jack modules shall use a forward motion termination method to optimize
performance by maintaining cable pair geometry while eliminating conductor untwist.
The termination cap shall be color-coded white to designate Category 6 performance
and shall include a universal label coded for T568A and T568B wiring schemes.
Mini-Com® TX6™ PLUS UTP Jack Modules
SPECIFICA TION SHEET
technical information
Category 6/Class
E channel and
component
performance:
Exceeds channel requirements of ANSI/TIA-568-C.2 Category 6 and ISO 11801
Class E standards at swept frequencies 1 to 250 MHz
Exceeds component requirements of ANSI/TIA-568-C.2 Category 6 and ISO
11801 Class E standards at swept frequencies 1 to 250 MHz
FCC and
ANSI compliance:
Meets all applicable ANSI/TIA-968-A requirements; contacts plated with 50
microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7 and IEC 60512-99-001
RoHS compliance:
Compliant
PoE compliance:
Rated for 2500 cycles with IEEE 802.3af / 802.3 at and proposed 802.3bt type 3
and type 4
UL rated:
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
Operating
Temperature:
-10°C to 65°C (14°F to 140°F)
Conductor
termination range:
Wire cap compatible with 22 – 26 AWG solid or stranded cable with conductor
insulation diameters of 0.060 in. max. and overall cable O.D. 0.200 in. to 0.330 in.
key features and benefits
100% performance tested
Confidence that each jack module will deliver the critical electrical
performance requirements
Utilizes enhanced
Giga-TX ™ Technology
Optimizes performance by eliminating conductor untwist and reduces
installation time and expense
Modular
UTP jack modules snap in and out of all Mini-Com® Faceplates, Modular
Patch Panels and Surface Mount Boxes for easy moves, adds,
and changes
Individually serialized
Marked with quality control number for future traceability
RJ45 interface
Industry standard interface provides a quick and easy plug and play
connection to RJ45 patch cords; backwards compatible
Identification
Can be clearly identified with optional labels and icons for port identification
Angle termination
version available
Side opening allows cable to be terminated to the right or left side of the
jack module; ideal for installations that have minimal depth that may not
allow standard bend radius practices to be accommodated
Termination tools
(optional)
EGJT termination tool ensures conductors are fully terminated by utilizing
a smooth forward motion without impact on critical internal components
for maximum reliability; TGJT termination tool ideal for high
volume installations
Block out device (optional) Provides a simple and secure method to control access to data ports while
not in use
Shuttered version
(optional)
Integrated spring shuttered door keeps out dust and debris of unmated
RJ45 jack modules automatically
applications
Mini-Com® TX6™ PLUS UTP Jack Modules are a component of the TX6™ PLUS UTP Copper Cabling
System. This end-to-end system is interoperable and backwards compatible, providing design flexibility
to protect network investments well into the future. With certified performance to the ANSI/TIA-568-C.2
Category 6 and ISO 11801 Class E standards, this system is ideal for today's high performance workstation
applications. With certified performance to the ANSI/TIA-568-C.2 Category 6 and ISO 11801 Class E
standards, these systems will support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast Ethernet), 1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM, 1.2 Gb/s ATM
• Token Ring 4/16
• Digital video and broadband/baseband analog video
• Voice over Internet Protocol (VoIP)
TX6 ™ PLUS UTP Copper
Cabling Systems
Mini-Com ® TX6™ PLUS
UTP Jack Modules
Jack module:
CJ688TG*
Shuttered jack
module:
CJH688TG*
Right angle
jack module:
CJR688TG*
TX6000 ™ UTP Copper Cable
Plenum:
PUP6004***
Riser:
PUR6004***
LSZH (60332-1):
PUZ6004***
LSZH (60332-3):
PUL6004***
CM:
PUC6004***
Category 6 Performance SD UTP 28 AWG
Patch Cords (Dual Rated CM/LSZH)
Feet:
UTP28SP^
Meters:
UTP28SP^^M
TX6 ™ PLUS UTP Patch Cords
CM (foot lengths):
UTPSP^Y
CM (meter lengths):
UTPSP^^MY
LSZH (meter lengths): UTPSPL^^MY
Mini-Com ® Angled Modular
Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com ® Flat Modular
Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular patch panels and
punchdown patch panels, visit www.panduit.com
Tools and Accessories
Jack module
termination tool:
EGJT or TGJT
Wire snipping tool:
CWST
Wire stripping tool:
CJAST
Clear dust cap:
MDC-C
Block out device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
*To designate color, add suffix: IW (Off White), replace
IW suffix with WH (White), EI (Electric Ivory), WH (White),
IG (International Gray), AW (Arctic White), BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange), VL (Violet), BR (Brown), GD (Gold), LB
(Light Blue), or PK (Pink).
***To designate color, add suffix BU (Blue) or WH (White).
For additional cable colors, contact customer service.
^For lengths 1 to 20 feet (one foot increments) and 25,
30, 35, 40 feet, change the length designation in the part
number to the desired length. For standard cable colors
other than Off White, add suffix BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green), OR (Orange), or
VL (Violet). For example, the part number for a blue
15-foot patch cord is UTPSP15BUY.
^^For lengths 1 to 10 meters (one meter increments) and
2.5, 15, 20, 25, 30, 35, 40 meters, change the length
designation in the part number to the desired length. For
standard cable colors other than Off White, add suffix
BL (Black), BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange), or VL (Violet). For example, the part number
for a blue 15-meter patch cord is UTPSP15MBUY.
^^^To designate color other than Red, add suffix
Black (BL), Blue (BU), Yellow (YL), Green (GR),
Orange (OR), Off White (IW) or International Gray (IG)
at the end of the part number. 10/package.
+
To designate color other than IW (Off White),
replace IW with EI (Electric Ivory), IG (International Gray),
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange), or VL (Violet) in the part
number. 100/package.
Contact customer service for bulk packaged and/
or keyed jack modules and patch cords.


Similar Part No. - MDC-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MDC-C PANDUIT-MDC-C Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
MDC-C PANDUIT-MDC-C Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
MDC-C PANDUIT-MDC-C Datasheet
170Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
05/2016
MDC-C PANDUIT-MDC-C Datasheet
127Kb / 2P
Mini-Com TX6 PLUS UTP Jack Module
11/2010
MDC-C PANDUIT-MDC-C Datasheet
349Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
02/2016
More results

Similar Description - MDC-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CM35MSS PANDUIT-CM35MSS Datasheet
59Kb / 1P
MINI-COM 3.5MM HEAD PHONE JACK MODULE
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CC688BL PANDUIT-CC688BL Datasheet
261Kb / 2P
Mini-Com짰 TX6??PLUS UTP Coupler Modules and Patch Panel S P E C I F I C AT I O N S H E E T
4/2015
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com